전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G332 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74LVC1G332
상세설명  Single 3-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G332 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G332 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G332 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74LVC1G332_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2007
11 of 14
NXP Semiconductors
74LVC1G332
Single 3-input OR gate
Fig 12. Package outline SOT891 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT891
SOT891
05-04-06
07-05-15
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
DIMENSIONS (mm are the original dimensions)
UNIT
mm
0.20
0.12
1.05
0.95
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.35
0.55
A
max
0.5
0.04
1
6
2
5
3
4
A
6
×
(1)
4
×
(1)
Note
1. Can be visible in some manufacturing processes.


유사한 부품 번호 - 74LVC1G332

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G332 PHILIPS-74LVC1G332 Datasheet
82Kb / 15P
   Single 3-input OR gate
Rev. 01-11 October 2006
logo
Nexperia B.V. All right...
74LVC1G332 NEXPERIA-74LVC1G332 Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
74LVC1G332-Q100 NEXPERIA-74LVC1G332-Q100 Datasheet
198Kb / 11P
   3-input OR gate
logo
Texas Instruments
74LVC1G332DBVRG4 TI1-74LVC1G332DBVRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
74LVC1G332DCKRE4 TI1-74LVC1G332DCKRE4 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
More results

유사한 설명 - 74LVC1G332

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC1G332 NEXPERIA-74LVC1G332 Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
logo
ON Semiconductor
NL17SZ332 ONSEMI-NL17SZ332 Datasheet
304Kb / 11P
   Single 3-Input OR Gate
September, 2020 ??Rev. 1
logo
NXP Semiconductors
74LVC1G332 PHILIPS-74LVC1G332 Datasheet
82Kb / 15P
   Single 3-input OR gate
Rev. 01-11 October 2006
logo
Texas Instruments
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com