전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC3GU04 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74LVC3GU04
상세설명  Triple inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3GU04 데이터시트(HTML) 4 Page - NXP Semiconductors

  74LVC3GU04_09 Datasheet HTML 1Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 2Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 3Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 4Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74LVC3GU04_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 11 November 2009
4 of 17
NXP Semiconductors
74LVC3GU04
Triple inverter
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 packages: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 packages: above 110
°C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input nA
Output nY
LH
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
VO
output voltage
Active mode
[1]
−0.5
VCC + 0.5
V
IIK
input clamping current
VI <0 V
−50
-
mA
IOK
output clamping current
VO >VCC or VO <0 V
-
±50
mA
IO
output current
VO =0 VtoVCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Tstg
storage temperature
−65
+150
°C
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
10
ns/V


유사한 부품 번호 - 74LVC3GU04_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC3GU04DC NXP-74LVC3GU04DC Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3GU04DC NEXPERIA-74LVC3GU04DC Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
logo
Texas Instruments
74LVC3GU04DCTRE4 TI-74LVC3GU04DCTRE4 Datasheet
253Kb / 11P
[Old version datasheet]   TRIPLE INVERTER GATE
74LVC3GU04DCURE4 TI-74LVC3GU04DCURE4 Datasheet
253Kb / 11P
[Old version datasheet]   TRIPLE INVERTER GATE
logo
NXP Semiconductors
74LVC3GU04DP NXP-74LVC3GU04DP Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
More results

유사한 설명 - 74LVC3GU04_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com