전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC3G34DP 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVC3G34DP
상세설명  Triple buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34DP 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVC3G34DP Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC3G34_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 9 May 2008
5 of 16
NXP Semiconductors
74LVC3G34
Triple buffer
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
1.2
-
-
V
IO = −8 mA; VCC = 2.3 V
1.9
-
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
V
IO = −24 mA; VCC = 3.0 V
2.3
-
-
V
IO = −32 mA; VCC = 4.5 V
3.8
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
V
II
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
±0.1
±5
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±10
µA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO =0A
-
0.1
10
µA
∆ICC
additional supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC − 0.6 V; IO =0 A
-
5
500
µA
CI
input capacitance
VCC = 3.3 V; VI = GND to VCC
-
2.5
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V


유사한 부품 번호 - 74LVC3G34DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC3G34DP PHILIPS-74LVC3G34DP Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34DP NXP-74LVC3G34DP Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G34DP NEXPERIA-74LVC3G34DP Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34DP-Q100 NEXPERIA-74LVC3G34DP-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

유사한 설명 - 74LVC3G34DP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
   Triple Buffer
July, 2014 ??Rev. 8
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
   Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
   Triple Buffer
April, 2012 ??Rev. 7
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
   TRIPLE BUFFER
June 2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
   TRIPLE BUFFER
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
   Triple Buffer
April, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
   Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com