전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH244AD 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74LVCH244AD
상세설명  Octal buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH244AD 데이터시트(HTML) 1 Page - NXP Semiconductors

  74LVCH244AD Datasheet HTML 1Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 2Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 3Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 4Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 5Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 6Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 7Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 8Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74LVC244A; 74LVCH244A is an octal non-inverting buffer/line driver with 3-state
outputs. The 3-state outputs are controlled by the output enable inputs 1OE and 2OE.
A HIGH on nOE causes the outputs to assume a high-impedance OFF-state.
Schmitt-trigger action at all inputs makes the circuit highly tolerant for slower input rise
and fall times.
Inputs can be driven from either 3.3 V or 5.0 V devices. In 3-state operation, outputs can
handle 5 V. These features allow the use of these devices as translators in a mixed
3.3 V and 5 V environment.
The 74LVCH244A bus hold on data inputs eliminates the need for external pull-up
resistors to hold unused inputs.
2.
Features
I 5 V tolerant inputs/outputs for interfacing with 5 V logic
I Wide supply voltage range from 1.2 V to 3.6 V
I CMOS low-power consumption
I Direct interface with TTL levels
I Inputs accept voltages up to 5.5 V
I High-impedance when VCC = 0 V
I Bus hold on all data inputs (74LVCH244A only)
I Complies with JEDEC standard no. 8-1A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
Rev. 06 — 13 August 2009
Product data sheet


유사한 부품 번호 - 74LVCH244AD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVCH244AD PHILIPS-74LVCH244AD Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVCH244AD PHILIPS-74LVCH244AD Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVCH244AD NXP-74LVCH244AD Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74LVCH244AD NEXPERIA-74LVCH244AD Datasheet
286Kb / 17P
   Octal buffer/line driver; 3-state
Rev. 12 - 16 September 2021
74LVCH244AD-Q100 NEXPERIA-74LVCH244AD-Q100 Datasheet
259Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 6 - 15 February 2021
More results

유사한 설명 - 74LVCH244AD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com