전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC595APW 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74LVC595APW
상세설명  8-bit serial-in/serial-out or parallel-out shift register; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC595APW 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC595APW Datasheet HTML 4Page - NXP Semiconductors 74LVC595APW Datasheet HTML 5Page - NXP Semiconductors 74LVC595APW Datasheet HTML 6Page - NXP Semiconductors 74LVC595APW Datasheet HTML 7Page - NXP Semiconductors 74LVC595APW Datasheet HTML 8Page - NXP Semiconductors 74LVC595APW Datasheet HTML 9Page - NXP Semiconductors 74LVC595APW Datasheet HTML 10Page - NXP Semiconductors 74LVC595APW Datasheet HTML 11Page - NXP Semiconductors 74LVC595APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LVC595A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 May 2007
8 of 19
NXP Semiconductors
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
ten
enable time
OE to Qn; see Figure 12
[3]
VCC = 1.2 V
-
17.9
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.4
14.1
2.0
16.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.2
8.0
1.5
9.2
ns
VCC = 2.7 V
1.5
4.5
7.6
1.5
8.7
ns
VCC = 3.0 V to 3.6 V
1.2
3.8
6.7
1.2
7.7
ns
tdis
disable time
OE to Qn; see Figure 12
[4]
VCC = 1.2 V
-
9.6
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
4.9
9.8
2.0
11.2
ns
VCC = 2.3 V to 2.7 V
1.2
2.8
5.8
1.2
6.6
ns
VCC = 2.7 V
1.5
3.7
6.2
1.5
7.1
ns
VCC = 3.0 V to 3.6 V
1.2
3.5
5.7
1.2
6.5
ns
tW
pulse width
SHCP, STCP HIGH or LOW;
see Figure 7 and Figure 8
VCC = 1.65 V to 1.95 V
6.0
2.5
-
7.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
2.0
-
5.5
-
ns
VCC = 2.7 V
4.5
1.5
-
5.0
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.5
-
4.5
-
ns
MR LOW; see Figure 11
VCC = 1.65 V to 1.95 V
5.0
2.0
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
1.5
-
4.5
-
ns
VCC = 2.7 V
2.5
1.0
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
2.5
1.0
-
3.0
-
ns
tsu
set-up time
DS to SHCP; see Figure 9
VCC = 1.65 V to 1.95 V
5.0
0.4
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
0.1
-
4.5
-
ns
VCC = 2.7 V
2.0
0
-
2.5
-
ns
VCC = 3.0 V to 3.6 V
2.0
−0.1
-
2.5
-
ns
MR to STCP; see Figure 10
VCC = 1.65 V to 1.95 V
8.0
3.5
-
8.5
-
ns
VCC = 2.3 V to 2.7 V
5.0
2.1
-
5.5
-
ns
VCC = 2.7 V
4.0
1.8
-
4.5
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.7
-
4.5
-
ns
SHCP to STCP; see Figure 8
VCC = 1.65 V to 1.95 V
8.0
3.5
-
8.5
-
ns
VCC = 2.3 V to 2.7 V
5.0
2.1
-
5.5
-
ns
VCC = 2.7 V
4.0
1.8
-
4.5
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.7
-
4.5
-
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 13.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


유사한 부품 번호 - 74LVC595APW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC595APW NEXPERIA-74LVC595APW Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
More results

유사한 설명 - 74LVC595APW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74LVC8T595 NEXPERIA-74LVC8T595 Datasheet
348Kb / 33P
   Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com