전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT14 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74LVT14
상세설명  3.3 V hex inverter Schmitt trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT14 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT14 Datasheet HTML 5Page - NXP Semiconductors 74LVT14 Datasheet HTML 6Page - NXP Semiconductors 74LVT14 Datasheet HTML 7Page - NXP Semiconductors 74LVT14 Datasheet HTML 8Page - NXP Semiconductors 74LVT14 Datasheet HTML 9Page - NXP Semiconductors 74LVT14 Datasheet HTML 10Page - NXP Semiconductors 74LVT14 Datasheet HTML 11Page - NXP Semiconductors 74LVT14 Datasheet HTML 12Page - NXP Semiconductors 74LVT14 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74LVT14_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 25 April 2008
10 of 13
NXP Semiconductors
74LVT14
3.3 V hex inverter Schmitt trigger
Fig 12. Package outline SOT762-1 (DHVQFN14)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.65
1.35
y1
2.6
2.4
1.15
0.85
e1
2
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT762-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT762-1
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
26
13
9
8
7
1
14
X
D
E
C
B
A
02-10-17
03-01-27
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)


유사한 부품 번호 - 74LVT14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14 Datasheet
102Kb / 10P
   3.3V Hex inverter Schmitt trigger
1996 Aug 28
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT1403 PHILIPS-74LVT1403 Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Nexperia B.V. All right...
74LVT1403 NEXPERIA-74LVT1403 Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT1403DR PHILIPS-74LVT1403DR Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
More results

유사한 설명 - 74LVT14

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14_15 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com