전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT245PW 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74LVT245PW
상세설명  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245PW 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT245PW Datasheet HTML 4Page - NXP Semiconductors 74LVT245PW Datasheet HTML 5Page - NXP Semiconductors 74LVT245PW Datasheet HTML 6Page - NXP Semiconductors 74LVT245PW Datasheet HTML 7Page - NXP Semiconductors 74LVT245PW Datasheet HTML 8Page - NXP Semiconductors 74LVT245PW Datasheet HTML 9Page - NXP Semiconductors 74LVT245PW Datasheet HTML 10Page - NXP Semiconductors 74LVT245PW Datasheet HTML 11Page - NXP Semiconductors 74LVT245PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74LVT245_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2008
8 of 15
NXP Semiconductors
74LVT245
3.3 V octal transceiver with direction pin (3-state)
Table 8.
Measurement points
VCC
Input
Output
VI
VM
VM
VX
VY
2.7 V to 3.6 V
GND to 2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
Test data is given in Table 9.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 7.
Test circuit for switching times
VEXT
VCC
VI
VO
001aae235
DUT
CL
RT
RL
RL
PULSE
GENERATOR
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
Table 9.
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
RL
CL
tPHZ, tPZH
tPLZ, tPZL
tPLH, tPHL
2.7 V
≤ 10 MHz
500 ns
≤ 2.5 ns
500
50 pF
GND
6 V
open


유사한 부품 번호 - 74LVT245PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT245PW PHILIPS-74LVT245PW Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245PW NEXPERIA-74LVT245PW Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245PWDH PHILIPS-74LVT245PWDH Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
More results

유사한 설명 - 74LVT245PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245B NXP-74LVT245B Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com