전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431MSDT 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TL431MSDT
상세설명  Adjustable precision shunt regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431MSDT 데이터시트(HTML) 3 Page - NXP Semiconductors

  TL431MSDT Datasheet HTML 1Page - NXP Semiconductors TL431MSDT Datasheet HTML 2Page - NXP Semiconductors TL431MSDT Datasheet HTML 3Page - NXP Semiconductors TL431MSDT Datasheet HTML 4Page - NXP Semiconductors TL431MSDT Datasheet HTML 5Page - NXP Semiconductors TL431MSDT Datasheet HTML 6Page - NXP Semiconductors TL431MSDT Datasheet HTML 7Page - NXP Semiconductors TL431MSDT Datasheet HTML 8Page - NXP Semiconductors TL431MSDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
3 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
6.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
7.
Functional diagram
The TL431 family comprises a range of 3-terminal adjustable shunt regulators, with
specified thermal stability over applicable automotive and commercial temperature
ranges. The output voltage may be set to any value between Vref (approximately 2.5 V)
and 36 V with two external resistors (see Figure 8). These devices have a typical output
impedance of 0.2
Ω. Active output circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for Zener diodes in many applications like
on-board regulation, adjustable power supplies and switching power supplies.
Table 4.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
TL431CDBZR
CA*
TL431ASDT
RL*
TL431IDBZR
CB*
TL431AMSDT
LQ*
TL431QDBZR
CC*
TL431BCDBZR
CG*
TL431SDT
RM*
TL431BIDBZR
CH*
TL431MSDT
LR*
TL431BQDBZR
CJ*
TL431ACDBZR
CD*
TL431BSDT
MA*
TL431AIDBZR
CE*
TL431BMSDT
MB*
TL431AQDBZR
CF*
-
-
Fig 1.
Functional diagram
Vref
ANODE
CATHODE
REF
006aab569


유사한 부품 번호 - TL431MSDT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TL431MSDT PHILIPS-TL431MSDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431MSDT NXP-TL431MSDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

유사한 설명 - TL431MSDT

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com