전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0804S050 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 ADC0804S050
상세설명  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0804S050 데이터시트(HTML) 1 Page - NXP Semiconductors

  ADC0804S050 Datasheet HTML 1Page - NXP Semiconductors ADC0804S050 Datasheet HTML 2Page - NXP Semiconductors ADC0804S050 Datasheet HTML 3Page - NXP Semiconductors ADC0804S050 Datasheet HTML 4Page - NXP Semiconductors ADC0804S050 Datasheet HTML 5Page - NXP Semiconductors ADC0804S050 Datasheet HTML 6Page - NXP Semiconductors ADC0804S050 Datasheet HTML 7Page - NXP Semiconductors ADC0804S050 Datasheet HTML 8Page - NXP Semiconductors ADC0804S050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The ADC0806030/040/050 are a family of 8-bit high-speed, low-power Analog-to-Digital
Converters (ADC) for professional video and other applications. It converts the analog
input signal into 8-bit binary coded digital signals at a maximum sampling rate of 50 MHz.
All digital inputs and outputs are Transistor-Transistor Logic (TTL) and CMOS compatible,
although a low-level sine wave clock input signal can also be used.
The device requires an external source to drive its reference ladder. If the application
requires that the reference is driven via internal sources, NXP recommends you use one
of the ADC1003S030/040/050 family.
2.
Features
I 8-bit resolution
I Sampling rate up to 50 MHz
I DC sampling allowed
I One clock cycle conversion only
I High signal-to-noise ratio over a large analog input frequency range (7.8 effective bits
at 4.43 MHz full-scale input at fclk = 40 MHz)
I No missing codes guaranteed
I In-Range (IR) CMOS output
I TTL and CMOS levels compatible digital inputs
I 3 V to 5 V CMOS digital outputs
I Low-level AC clock input signal allowed
I External reference voltage regulator
I Power dissipation only 175 mW (typical)
I Low analog input capacitance, no buffer amplifier required
I No sample-and-hold circuit required
3.
Applications
I Video data digitizing
I Radar
I Transient signal analysis
I Σ∆ modulators
I Medical imaging
I Barcode scanner
I Global Positioning System (GPS) receiver
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02 — 14 August 2008
Product data sheet


유사한 부품 번호 - ADC0804S050

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ADC0804S050 RENESAS-ADC0804S050 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S050TS IDT-ADC0804S050TS Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results

유사한 설명 - ADC0804S050

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com