전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1006S070 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 ADC1006S070
상세설명  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1006S070 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button ADC1006S070 Datasheet HTML 5Page - NXP Semiconductors ADC1006S070 Datasheet HTML 6Page - NXP Semiconductors ADC1006S070 Datasheet HTML 7Page - NXP Semiconductors ADC1006S070 Datasheet HTML 8Page - NXP Semiconductors ADC1006S070 Datasheet HTML 9Page - NXP Semiconductors ADC1006S070 Datasheet HTML 10Page - NXP Semiconductors ADC1006S070 Datasheet HTML 11Page - NXP Semiconductors ADC1006S070 Datasheet HTML 12Page - NXP Semiconductors ADC1006S070 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADC1006S055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
9 of 31
NXP Semiconductors
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
Harmonics
α2H
second harmonic
level
ADC1006S055H (fclk = 55 MHz)
fi = 4.43 MHz
C
-
−77
-
dBFS
fi = 10 MHz
C
-
−76
-
dBFS
fi = 15 MHz
C
-
−75
-
dBFS
fi = 20 MHz
I
-
−73
-
dBFS
ADC1006S070H (fclk = 70 MHz)
fi = 4.43 MHz
C
-
−75
-
dBFS
fi = 10 MHz
C
-
−74
-
dBFS
fi = 15 MHz
C
-
−70
-
dBFS
α3H
third harmonic level ADC1006S055H (fclk = 55 MHz)
fi = 4.43 MHz
C
-
−73
-
dBFS
fi = 10 MHz
C
-
−73
-
dBFS
fi = 15 MHz
C
-
−73
-
dBFS
fi = 20 MHz
I
-
−72
-
dBFS
ADC1006S070H (fclk = 70 MHz)
fi = 4.43 MHz
C
-
−73
-
dBFS
fi = 10 MHz
C
-
−73
-
dBFS
fi = 15 MHz
C
-
−72
-
dBFS
Total harmonic distortion[5]
THD
total harmonic
distortion
ADC1006S055H (fclk = 55 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi = 10 MHz
C
-
−68
-
dBFS
fi = 15 MHz
C
-
−68
-
dBFS
fi = 20 MHz
I
-
−68
-
dBFS
ADC1006S070H (fclk = 70 MHz)
fi = 4.43 MHz
C
-
−67
-
dBFS
fi = 10 MHz
C
-
−67
-
dBFS
fi = 15 MHz
C
-
−66
-
dBFS
Thermal noise
Nth(RMS)
RMS thermal noise
shorted input; SH = HIGH;
fclk = 55 MHz
C
-
0.12
-
LSB
Table 6.
Characteristics …continued
VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V;
VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °Cto+85 °C;
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V; VVREF =VCCA3 − 1.75 V; VI(cm) =VCCA3 − 1.6 V; typical values measured at VCCA =VCCD =5V
and VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test[1] Min
Typ
Max
Unit


유사한 부품 번호 - ADC1006S070

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ADC1006S070 IDT-ADC1006S070 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S070 RENESAS-ADC1006S070 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
Integrated Device Techn...
ADC1006S070H IDT-ADC1006S070H Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
More results

유사한 설명 - ADC1006S070

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com