전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16T 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 BAS16T
상세설명  High-speed switching diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16T 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button BAS16T Datasheet HTML 6Page - NXP Semiconductors BAS16T Datasheet HTML 7Page - NXP Semiconductors BAS16T Datasheet HTML 8Page - NXP Semiconductors BAS16T Datasheet HTML 9Page - NXP Semiconductors BAS16T Datasheet HTML 10Page - NXP Semiconductors BAS16T Datasheet HTML 11Page - NXP Semiconductors BAS16T Datasheet HTML 12Page - NXP Semiconductors BAS16T Datasheet HTML 13Page - NXP Semiconductors BAS16T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
10 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 15. Package outline BAS316 (SOD323/SC-76)
Fig 16. Package outline BAS516 (SOD523/SC-79)
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
4000
8000
10000
BAS16
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS16H
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS16J
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS16L
SOD882
2 mm pitch, 8 mm tape and reel
-
-
-
-315
BAS16T
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS16VV
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
BAS16VY
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165
BAS16W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS316
SOD323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS516
SOD523
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-
-135


유사한 부품 번호 - BAS16T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAS16T PHILIPS-BAS16T Datasheet
72Kb / 12P
   High-speed diode
1998 Jan 20
BAS16T NXP-BAS16T Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
logo
Goodwork Semiconductor ...
BAS16T GWSEMI-BAS16T Datasheet
808Kb / 3P
   Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAS16T DIODES-BAS16T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
NXP Semiconductors
BAS16T NXP-BAS16T Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

유사한 설명 - BAS16T

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com