전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320C6722BZDHA250 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TMP320C6722BZDHA250
상세설명  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6722BZDHA250 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TMP320C6722BZDHA250 Datasheet HTML 4Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 5Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 6Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 7Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 8Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 9Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 10Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 11Page - Texas Instruments TMP320C6722BZDHA250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
2.2 Enhanced C67x+ CPU
.D1
.M1
.S1
.L1
Register File A
Data Path A
Cross
Paths
.D2
.M2
.S2
.L2
Register File B
Data Path B
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 2-1. Characteristics of the C672x Processors (continued)
HARDWARE FEATURES
C6727B
C6726B
C6722B
C6720
Product Preview (PP),
Advance Information (AI),
Product Status
PD(2)
or
Production Data (PD)
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
The TMS320C672x floating-point digital signal processors are based on the new C67x+ CPU. This core is
code-compatible with the C67x CPU core used on the TMS320C671x DSPs, but with significant
enhancements including an increase in core operating frequency from 225 MHz to 350 MHz(3) while
operating at 1.2 V (1.4 V for C6727B-350).
The CPU fetches 256-bit-wide advanced very-long instruction word (VLIW) fetch packets that are
composed of variable-length execute packets. The execute packets can supply from one to eight 32-bit
instructions to the eight functional units during every clock cycle. The variable-length execute packets are
a key memory-saving feature, distinguishing the C67x CPU from other VLIW architectures. Additionally,
execute packets can now span fetch packets, providing a code size improvement over the C67x CPU
core.
The CPU features two data paths, shown in Figure 2-1, each composed of four functional units (.D, .M, .S,
and .L) and a register file. The .D unit in each data path is a data-addressing unit that is responsible for all
data transfers between the register files and the memory. The .M functional units are dedicated for
multiplies, and the .S and .L functional units perform a general set of arithmetic, logical, and branch
functions. All instructions operate on registers as opposed to data in memory, but results stored in the
32-bit registers can be subsequently moved to memory as bytes, half-words, or words.
Figure 2-1. CPU Data Paths
The register file in each data path contains 32 32-bit registers for a total of 64 general-purpose registers.
This doubles the number of registers found on the C67x CPU core, allowing the optimizing C compiler to
pipeline more complex loops by decreasing register pressure significantly.
The four functional units in each data path of the CPU can freely share the 32 registers belonging to that
data path. Each data path also features a single cross path connected to the register file on the opposing
data path. This allows each data path to source one cross-path operand per cycle from the opposing
register file. On the C67x+ CPU, this single cross-path operand can be used by two functional units per
cycle, an improvement over the C67x CPU in which only one functional unit could use the cross-path
operand. In addition, the cross-path register read(s) are not counted as part of the limit of four reads of the
same register in a single cycle.
The C67x+ CPU executes all C67x instructions plus new floating-point instructions to improve
performance specifically during audio processing. These new instructions are listed in Table 2-2.
(3)
CPU speed is device-dependent. See Table 2-1.
8
Device Overview
Submit Documentation Feedback


유사한 부품 번호 - TMP320C6722BZDHA250

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - TMP320C6722BZDHA250

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com