전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT754C 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BAT754C
상세설명  Schottky barrier (double) diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT754C 데이터시트(HTML) 3 Page - NXP Semiconductors

  BAT754C Datasheet HTML 1Page - NXP Semiconductors BAT754C Datasheet HTML 2Page - NXP Semiconductors BAT754C Datasheet HTML 3Page - NXP Semiconductors BAT754C Datasheet HTML 4Page - NXP Semiconductors BAT754C Datasheet HTML 5Page - NXP Semiconductors BAT754C Datasheet HTML 6Page - NXP Semiconductors BAT754C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2003 Mar 25
3
NXP Semiconductors
Product data sheet
Schottky barrier (double) diodes
BAT754 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp = 300 μs; δ ≤ 0.02.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT23 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
30
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1 s; δ ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
t = 8.3 ms half sinewave;
JEDEC method
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Tamb
operating ambient temperature
−65
+125
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.6
IF = 0.1 mA
200
mV
IF = 1 mA
260
mV
IF = 10 mA
340
mV
IF = 30 mA
420
mV
IF = 100 mA
600
mV
IR
reverse current
VR = 25 V; note 1; see Fig.7
2
μA
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.8
10
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
500
K/W


유사한 부품 번호 - BAT754C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT754C PHILIPS-BAT754C Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
logo
Guangdong Kexin Industr...
BAT754C KEXIN-BAT754C Datasheet
37Kb / 1P
   Schottky barrier (double) diodes
logo
Nexperia B.V. All right...
BAT754C NEXPERIA-BAT754C Datasheet
2Mb / 10P
   Schottky barrier diodes
Rev. 3 - 9 October 2012
More results

유사한 설명 - BAT754C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com