전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846BPN 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 BC846BPN
상세설명  65 V, 100 mA NPN/PNP general-purpose transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC846BPN 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button BC846BPN Datasheet HTML 7Page - NXP Semiconductors BC846BPN Datasheet HTML 8Page - NXP Semiconductors BC846BPN Datasheet HTML 9Page - NXP Semiconductors BC846BPN Datasheet HTML 10Page - NXP Semiconductors BC846BPN Datasheet HTML 11Page - NXP Semiconductors BC846BPN Datasheet HTML 12Page - NXP Semiconductors BC846BPN Datasheet HTML 13Page - NXP Semiconductors BC846BPN Datasheet HTML 14Page - NXP Semiconductors BC846BPN Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BC846BPN_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 July 2009
11 of 15
NXP Semiconductors
BC846BPN
65 V, 100 mA NPN/PNP general-purpose transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 19. Package outline SOT363 (SC-88)
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BC846BPN
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165


유사한 부품 번호 - BC846BPN

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Nexperia B.V. All right...
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPN-Q NEXPERIA-BC846BPN-Q Datasheet
289Kb / 13P
   65 V, 100 mA NPN/PNP general-purpose transistor
9 December 2021
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
More results

유사한 설명 - BC846BPN

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC846BPN-Q NEXPERIA-BC846BPN-Q Datasheet
289Kb / 13P
   65 V, 100 mA NPN/PNP general-purpose transistor
9 December 2021
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC856XQB_SER NEXPERIA-BC856XQB_SER Datasheet
233Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQC-Q_SER NEXPERIA-BC856XQC-Q_SER Datasheet
236Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQC_SER NEXPERIA-BC856XQC_SER Datasheet
235Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com