전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS49330 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS49330
상세설명  Multi-Standard Audio Decoder Family
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49330 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS49330 Datasheet HTML 4Page - Cirrus Logic CS49330 Datasheet HTML 5Page - Cirrus Logic CS49330 Datasheet HTML 6Page - Cirrus Logic CS49330 Datasheet HTML 7Page - Cirrus Logic CS49330 Datasheet HTML 8Page - Cirrus Logic CS49330 Datasheet HTML 9Page - Cirrus Logic CS49330 Datasheet HTML 10Page - Cirrus Logic CS49330 Datasheet HTML 11Page - Cirrus Logic CS49330 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
CS49300 Family DSP
8
DS339F7
1.4. Digital D.C. Characteristics
(VA, VD[3:1] = 2.5 V
±5%; measurements performed under static conditions.)
1.5. Power Supply Characteristics
(VA, VD[3:1] = 2.5 V
±5%; measurements performed under operating conditions)
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
-
-
V
Low-level input voltage
VIL
--
0.8
V
High-level output voltage at IO = –2.0 mA
VOH
VD
× 0.9
-
-
V
Low-level output voltage at IO = 2.0 mA
VOL
--
VD
× 0.11
V
Input leakage current
Iin
--
1.0
µA
Parameter
Symbol
Min
Typ
Max
Unit
Power supply current:
Digital operating: VD[3:1]
Analog operating: VA
-
-
200
1.7
310
4
mA
mA


유사한 부품 번호 - CS49330

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS49330 CIRRUS-CS49330 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS49330 CIRRUS-CS49330 Datasheet
3Mb / 12P
   Part Matrix vs. Code Matrix for AVR/Outboard Decoder-based Applications
CS493302-CL CIRRUS-CS493302-CL Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS493302-IL CIRRUS-CS493302-IL Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
More results

유사한 설명 - CS49330

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS49400 CIRRUS-CS49400 Datasheet
1Mb / 100P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
logo
NXP Semiconductors
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
   Multi-Function Digital Audio Decoder
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com