전자부품 데이터시트 검색엔진 |
|
BC846DS 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
BC846DS 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 12 page BC846DS_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 17 July 2009 2 of 12 NXP Semiconductors BC846DS 65 V, 100 mA NPN/NPN general-purpose transistor 2. Pinning information 3. Ordering information 4. Marking 5. Limiting values Table 2. Pinning Pin Description Simplified outline Graphic symbol 1 emitter TR1 2 base TR1 3 collector TR2 4 emitter TR2 5 base TR2 6 collector TR1 13 2 4 5 6 sym020 2 1 3 5 6 TR1 TR2 4 Table 3. Ordering information Type number Package Name Description Version BC846DS SC-74 plastic surface-mounted package (TSOP6); 6 leads SOT457 Table 4. Marking codes Type number Marking code BC846DS ZK Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Per transistor VCBO collector-base voltage open emitter - 80 V VCEO collector-emitter voltage open base - 65 V VEBO emitter-base voltage open collector - 6 V IC collector current - 100 mA ICM peak collector current single pulse; tp ≤ 1ms - 200 mA IBM peak base current single pulse; tp ≤ 1ms - 200 mA Ptot total power dissipation Tamb ≤ 25 °C [1] - 250 mW Per device Ptot total power dissipation Tamb ≤ 25 °C [1] - 380 mW |
유사한 부품 번호 - BC846DS |
|
유사한 설명 - BC846DS |