전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5461-IS 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS5461-IS
상세설명  Single Phase Bi-Directional Power/Energy IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461-IS 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS5461-IS Datasheet HTML 4Page - Cirrus Logic CS5461-IS Datasheet HTML 5Page - Cirrus Logic CS5461-IS Datasheet HTML 6Page - Cirrus Logic CS5461-IS Datasheet HTML 7Page - Cirrus Logic CS5461-IS Datasheet HTML 8Page - Cirrus Logic CS5461-IS Datasheet HTML 9Page - Cirrus Logic CS5461-IS Datasheet HTML 10Page - Cirrus Logic CS5461-IS Datasheet HTML 11Page - Cirrus Logic CS5461-IS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
CS5461
8
DS546F2
3. CHARACTERISTICS/SPECIFICATIONS
Min / Max characteristics and specifications are guaranteed over all Operating Conditions.
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
DGND = 0 V. All voltages with respect to 0 V.
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
Notes: 1. Applies after system calibration
2. Effective Input Impedance (EII) is determined by clock frequency (DCLK) and Input Capacitance (IC).
EII = 1/(IC*DCLK/4). Note that DCLK = MCLK / K.
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD
3.135
3.3
5.25
V
Positive Analog Power Supply
VA+
4.75
5
5.25
V
Negative Analog Power Supply
VA-
-0.25
0
0.25
V
Voltage Reference
VREF
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (Both Channels)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Offset Drift (Without the High Pass Filter)
-
5
-
nV/°C
Analog Inputs (Current Channel)
Differential Input Voltage Range
(Gain = 10)
{(IIN+) - (IIN-)}
(Gain = 50)
IIN
0
0
-
-
500
100
mVP-P
mVP-P
Total Harmonic Distortion
THD
80
-
-
dB
Common Mode + Signal
All Gain Ranges
-0.25
-
VA+
V
Crosstalk with Voltage Channel at Full Scale
(50, 60 Hz)
-
-
-115
dB
Input Capacitance
(Gain = 10)
(Gain = 50)
IC
-
-
25
25
-
-
pF
pF
Effective Input Impedance
(Gain = 10)
(Note 2)
(Gain = 50)
EII
30
30
-
-
-
-
k
k
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
NI
-
-
-
-
22.5
4.5
µVrms
µVrms
Accuracy (Current Channel)
Bipolar Offset Error
(Note 1)
VOS
-
-
±0.001
%F.S.
Full-Scale Error
(Note 1)
FSE
-
-
±0.001
%F.S.


유사한 부품 번호 - CS5461-IS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5461-IS CIRRUS-CS5461-IS Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
More results

유사한 설명 - CS5461-IS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com