전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856A 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BC856A
상세설명  PNP general purpose transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856A 데이터시트(HTML) 5 Page - NXP Semiconductors

  BC856A Datasheet HTML 1Page - NXP Semiconductors BC856A Datasheet HTML 2Page - NXP Semiconductors BC856A Datasheet HTML 3Page - NXP Semiconductors BC856A Datasheet HTML 4Page - NXP Semiconductors BC856A Datasheet HTML 5Page - NXP Semiconductors BC856A Datasheet HTML 6Page - NXP Semiconductors BC856A Datasheet HTML 7Page - NXP Semiconductors BC856A Datasheet HTML 8Page - NXP Semiconductors BC856A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2004 Jan 16
5
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856; BC857; BC858
handbook, halfpage
0
200
300
400
500
hFE
100
MGT711
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
(1)
(2)
(3)
Fig.2
DC current gain as a function of collector
current; typical values.
BC857A; VCE = −5 V.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
−1200
−1000
−800
−600
−400
−200
MGT712
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
BC857A; VCE = −5 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−104
−103
−102
−10
MGT713
−10−1
−1
−10
−102
−103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
BC857A; IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MGT714
−10−1
−1
−10
−102
−103
IC (mA)
0
−1200
−1000
−800
−600
−400
−200
VBEsat
(mV)
(1)
(2)
(3)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
BC857A; IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.


유사한 부품 번호 - BC856A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
201Kb / 3P
   PNP Small Signal Transistor 310mW
More results

유사한 설명 - BC856A

제조업체부품명데이터시트상세설명
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com