전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD00D0AWHFP 데이터시트(PDF) 4 Page - Rohm

부품명 BD00D0AWHFP
상세설명  Low ESR capacitor,2A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD00D0AWHFP 데이터시트(HTML) 4 Page - Rohm

  BD00D0AWHFP Datasheet HTML 1Page - Rohm BD00D0AWHFP Datasheet HTML 2Page - Rohm BD00D0AWHFP Datasheet HTML 3Page - Rohm BD00D0AWHFP Datasheet HTML 4Page - Rohm BD00D0AWHFP Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. A
10.Output pins
It is necessary to place capacitors between each output pin and GND to prevent oscillation on the output.
Usable capacitance
values range from 2.2μF to 1000μF.
Ceramic capacitors can be used as long as their ESR value is low enough to prevent
oscillation (0.001
Ω to 20Ω).
Abrupt fluctuations in input voltage and load conditions may affect the output voltage.
Output
capacitance values should be determined only through sufficient testing of the actual application.
11.Over current protection circuit (OCP)
The IC incorporates an integrated over-current protection circuit that operates in accordance with the rated output capacity.
This
circuit serves to protect the IC from damage when the load becomes shorted. It is also designed to limit output current (without
latching) in the event of a large and instantaneous current flow from a large capacitor or other component. These protection circuits
are effective in preventing damage due to sudden and unexpected accidents. However, the IC should not be used in applications
characterized by the continuous or transitive operation of the protection circuits.
12.Thermal shutdown circuit (TSD)
The IC incorporates a built-in thermal shutdown circuit, which is designed to turn the IC off completely in the event of thermal
overload. It is not designed to protect the IC from damage or guarantee its operation. ICs should not be used after this function has
activated, or in applications where the operation of this circuit is assumed.
13.Applications or inspection processes where the potential of the Vcc pin or other pins may be reversed from their normal state may
cause damage to the IC's internal circuitry or elements. Use an output pin capacitance of 1000μF or lower in case Vcc is shorted
with the GND pin while the external capacitor is charged. Insert a diode in series with Vcc to prevent reverse current flow, or insert
bypass diodes between Vcc and each pin.
14.Positive voltage surges on VCC pin
A power zener diode should be inserted between VCC and GND for protection against voltage surges of more than 35V on the VCC
pin.
15.Negative voltage surges on VCC pin
A schottky barrier diode should be inserted between VCC and GND for protection against voltages lower than GND on the VCC pin.
16. Output protection diode
Loads with large inductance components may cause reverse current flow during startup or shutdown.
In such cases, a protection
diode should be inserted on the output to protect the IC.
17.Regarding input pins of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated.
PN
junctions are formed at the intersection of these P layers with the N layers of other elements, creating parasitic diodes and/or
transistors. For example (refer to the figure below):
●When GND > Pin A and GND > Pin B, the PN junction operates as a parasitic diode
●When GND > Pin B, the PN junction operates as a parasitic transistor
Parasitic diodes occur inevitably in the structure of the IC, and the operation of these parasitic diodes can result in mutual interference
among circuits, operational faults, or physical damage. Accordingly, conditions that cause these diodes to operate, such as applying a
voltage lower than the GND voltage to an input pin (and thus to the P substrate) should be avoided.
Example of Simple Monolithic IC Architecture
Parasitic elements
(Pin A)
Parasitic elements
or transistors
(Pin B)
C
B
E
N
P
N
N
P+
P+
Parasitic elements
or transistors
P substrate
(Pin B)
C
B
E
Transistor (NPN)
(Pin A)
N
P
N
N
P+
P+
Resistor
Parasitic elements
P
GND
GND
GND
N


유사한 부품 번호 - BD00D0AWHFP

제조업체부품명데이터시트상세설명
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
More results

유사한 설명 - BD00D0AWHFP

제조업체부품명데이터시트상세설명
logo
Rohm
BD00C0AWCP-V5 ROHM-BD00C0AWCP-V5 Datasheet
128Kb / 5P
   Low ESR capacitor, 1A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
BA00DD0WHFP ROHM-BA00DD0WHFP Datasheet
386Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAXXDD0WT ROHM-BAXXDD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAXXDD0WHFP ROHM-BAXXDD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
374Kb / 5P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAXXBC0WFP ROHM-BAXXBC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT-V5 ROHM-BAXXBC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0T ROHM-BAXXBC0T Datasheet
359Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT-V5 ROHM-BA00JC5WT-V5 Datasheet
361Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT ROHM-BA00JC5WT Datasheet
356Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com