전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD00FC0WEFJ-E2 데이터시트(PDF) 7 Page - Rohm

부품명 BD00FC0WEFJ-E2
상세설명  500mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD00FC0WEFJ-E2 데이터시트(HTML) 7 Page - Rohm

Back Button BD00FC0WEFJ-E2 Datasheet HTML 3Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 4Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 5Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 6Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 7Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 8Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 9Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 10Page - Rohm BD00FC0WEFJ-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00GA5WEFJ
Technical Note
7/11
Block Diagram
BD00GA5WEFJ
Pin number ・ Pin name
Pin No.
Pin name
Pin Function
1
VOUT
Output voltage pin
2
FB
Feedback pin
3
GND
GND pin
4
N.C.
Non Connection
5
EN
Enable pin
6
N.C.
Non Connection
7
N.C.
Non Connection
8
VCC
Input voltage pin
Reverse
FIN
Substrate(GND pin)
GND
EN
TSD
OCP
SOFT
Ceramic
Capacitor
VO
VCC
FB
R1
R2
Ceramic
Capacitor
1μF
1μF
1.5V to 13.0V
(VO+0.90) to 14.0V


유사한 부품 번호 - BD00FC0WEFJ-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00FC0WEFJ-E2 ROHM-BD00FC0WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FC0WEFJ-E2 ROHM-BD00FC0WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FC0WEFJ-E2 ROHM-BD00FC0WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FC0WEFJ-E2 ROHM-BD00FC0WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FC0WEFJ-E2 ROHM-BD00FC0WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

유사한 설명 - BD00FC0WEFJ-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com