전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD15TD2WNVX-TL 데이터시트(PDF) 8 Page - Rohm

부품명 BD15TD2WNVX-TL
상세설명  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD15TD2WNVX-TL 데이터시트(HTML) 8 Page - Rohm

Back Button BD15TD2WNVX-TL Datasheet HTML 4Page - Rohm BD15TD2WNVX-TL Datasheet HTML 5Page - Rohm BD15TD2WNVX-TL Datasheet HTML 6Page - Rohm BD15TD2WNVX-TL Datasheet HTML 7Page - Rohm BD15TD2WNVX-TL Datasheet HTML 8Page - Rohm BD15TD2WNVX-TL Datasheet HTML 9Page - Rohm BD15TD2WNVX-TL Datasheet HTML 10Page - Rohm BD15TD2WNVX-TL Datasheet HTML 11Page - Rohm BD15TD2WNVX-TL Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Technical Note
8/40
BU□□TD2WNVX Series
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.47. Load Response
1.50
1.45
1.40
1.55
50
100
0
IOUT=50mA→100mA
Fig.46. Load Response
IOUT=200mA→0mA
100
200
0
1.60
1.50
1.40
1.70
Fig.48. Load Response
1.55
1.50
1.45
1.60
50
100
0
IOUT=100mA→50mA
●Reference data BU15TD2WNVX (Ta=25ºC unless otherwise specified.)
Fig.43. Load Response
1.50
1.45
1.40
1.55
50
100
0
IOUT=0mA→100mA
Fig.42. Load Response
IOUT=50mA→0mA
1.25
1.20
1.15
1.30
50
100
0
1.55
1.50
1.45
1.60
50
100
0
Fig.41. Load Response
1.50
1.45
1.40
1.55
50
100
0
IOUT=0mA→50mA
Fig.44. Load Response
IOUT=100mA→0mA
50
100
0
1.55
1.50
1.45
1.60
Fig.45. Load Response
1.50
1.40
1.30
1.60
100
200
0
IOUT=0mA→200mA


유사한 부품 번호 - BD15TD2WNVX-TL

제조업체부품명데이터시트상세설명
logo
Winchester Electronics ...
BD151300 WINCHESTER-BD151300 Datasheet
48Kb / 1P
   Modular Tooling & Testers
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
logo
Inchange Semiconductor ...
BD157 ISC-BD157 Datasheet
228Kb / 2P
   Silicon NPN Power Transistor
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results

유사한 설명 - BD15TD2WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com