전자부품 데이터시트 검색엔진 |
|
SM055C475MHN480 데이터시트(PDF) 9 Page - AVX Corporation |
|
SM055C475MHN480 데이터시트(HTML) 9 Page - AVX Corporation |
9 / 112 page 8 SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors Temperature Coefficient C0G: A Temperature Coefficient - 0 ±30 ppm/°C, -55° to +125°C X7R: C Temperature Coefficient - ±15%, -55° to +125°C Z5U: E Temperature Coefficient - +22, -56%, +10° to +85°C Capacitance Test (MIL-STD-202 Method 305) C0G: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz X7R: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz Z5U: 25°C, 0.5 Vrms max (open circuit voltage) at 1KHz Dissipation Factor 25°C C0G: 0.15% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz X7R: 2.5% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz Z5U: 3.0% Max @ 25°C, 0.5 Vrms max (open circuit voltage) at 1KHz Insulation Resistance 25°C (MIL-STD-202 Method 302) C0G and X7R: 100K MΩ or 1000 MΩ-μF, whichever is less. Z5U: 10K MΩ or 1000 MΩ-μF, whichever is less. Insulation Resistance 125°C (MIL-STD-202 Method 302) C0G and X7R: 10K MΩ or 100 MΩ-μF, whichever is less. Z5U: 1K MΩ or 100 MΩ-μF, whichever is less. Dielectric Withstanding Voltage 25°C (Flash Test) C0G and X7R: 250% rated voltage for 5 seconds with 50 mA max charging current. (500 Volt units @ 750 VDC) Z5U: 200% rated voltage for 5 seconds with 50 mA max charging current. Life Test (1000 hrs) C0G and X7R: 200% rated voltage at +125°C. (500 Volt units @ 600 VDC) Z5U: 150% rated voltage at +85°C Moisture Resistance (MIL-STD-202 Method 106) C0G, X7R, Z5U: Ten cycles with no voltage applied. Thermal Shock (MIL-STD-202 Method 107, Condition A) Immersion Cycling (MIL-STD-202 Method 104, Condition B) Resistance To Solder Heat (MIL-STD-202, Method 210, Condition B, for 20 seconds) Typical ESR Performance (mΩ) Aluminum Low ESR Solid Aluminum MLCC MLCC Electrolytic Solid Tantalum Electrolytic SMPS SMPS 100μF/50V 100μF/10V 100μF/16V 100μF/50V 4.7μF/50V ESR @ 10KHz 300 72 29 3 66 ESR @ 50KHz 285 67 22 2 23 ESR @ 100KHz 280 62 20 2.5 15 ESR @ 500KHz 265 56 18 4 8 ESR @ 1MHz 265 56 17 7 7.5 ESR @ 5MHz 335 72 17 12.5 8 ESR @ 10MHz 560 91 22 20 14 ELECTRICAL SPECIFICATIONS Note: Capacitors with X7R and Z5U dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Contact plant for recommendations. *Hi-Rel screening for C0G and X7R only. Screening consists of 100% Group A (B Level), Subgroup 1 per MIL-PRF-49470. SM0 AVX Style SM0 = Uncoated SM5 = Epoxy Coated 1 Size See Dimensions chart 7 Voltage 50V = 5 100V = 1 200V = 2 500V = 7 C Temperature Coefficient C0G = A X7R = C Z5U = E 106 Capacitance Code (2 significant digits + number of zeros) 10 pF = 100 100 pF = 101 1,000 pF = 102 22,000 pF = 223 220,000 pF = 224 1μF = 105 10 μF = 106 100 μF = 107 M Capacitance Tolerance C0G: J = ±5% K = ±10% M = ±20% X7R: K = ±10% M = ±20% Z = +80%, -20% Z5U: M = ±20% Z = +80%, -20% P = GMV (+100, -0%) A Test Level A = Standard B = Hi-Rel* N Termination N = Straight Lead J = Leads formed in L = Leads formed out P = P Style Leads Z = Z Style Leads 650 Height Max Dimension “A” 120 = 0.120" 240 = 0.240" 360 = 0.360" 480 = 0.480" 650 = 0.650" HOW TO ORDER AVX Styles: SM-1, SM-2, SM-3, SM-4, SM-5, SM-6 |
유사한 부품 번호 - SM055C475MHN480 |
|
유사한 설명 - SM055C475MHN480 |