전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM025C157KHN650 데이터시트(PDF) 8 Page - AVX Corporation

부품명 SM025C157KHN650
상세설명  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SM025C157KHN650 데이터시트(HTML) 8 Page - AVX Corporation

Back Button SM025C157KHN650 Datasheet HTML 4Page - AVX Corporation SM025C157KHN650 Datasheet HTML 5Page - AVX Corporation SM025C157KHN650 Datasheet HTML 6Page - AVX Corporation SM025C157KHN650 Datasheet HTML 7Page - AVX Corporation SM025C157KHN650 Datasheet HTML 8Page - AVX Corporation SM025C157KHN650 Datasheet HTML 9Page - AVX Corporation SM025C157KHN650 Datasheet HTML 10Page - AVX Corporation SM025C157KHN650 Datasheet HTML 11Page - AVX Corporation SM025C157KHN650 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
7
SMPS Capacitors
Application Information on SupraCap
®
High speed switch mode power supplies require extremely
low equivalent series resistance (ESR) and equivalent series
inductance (ESL) capacitors for input and output filtering.
These requirements are beyond the practical limits of
electrolytic capacitors, both aluminum and tantalums, but
are readily met by multilayer ceramic (MLCs) capacitors
(Figure 1).
Theoretical SMPS’s output filter capacitor values are in the
range of 6-10 μF/amp at 40KHz and drop to less than
1 μF/amp at 1MHz. Most electrolytic applications use 10 to
100 times the theoretical value in order to obtain lower ESR
from paralleling many capacitors. This is not necessary with
SupraCap
®
MLC capacitors which inherently have ESRs
in the range of milliohms. These extremely low values of
ESR mean low ripple voltage and less self-heating of
the capacitor.
Output noise spikes are reduced by lowering the filter capac-
itance self-inductance. The ripple current is a triangle wave
form with constant di/dt except when it changes polarity,
then the di/dt is very high. The noise voltage generated by
the filter capacitor is
VNoise = L Capacitor di/dt
AVX SupraCap
® devices have inductance value less than 3nH.
Figure 2 compares a 5.6 μF MLC to a 5.6 μF tantalum which
was specially designed for low ESR and ESL. When subjected
to a di/dt of 200 mA/ns the tantalum shows an ESR of 165
mΩ and an ESL of 18nH versus the MLC’s 4 mΩ and 0.3 nH.
These performance differences allow considerable reduction
in size and weight of the filter capacitor.
Additionally, MLCs are compatible with surface mount
technology reflow and assembly techniques which is the
desirable assembly for conversion frequencies exceeding
1 MHz. Electrolytic capacitors (both aluminum and tantalum)
are not compatible with normal vapor phase (VPS) or infrared
(IR) reflow temperatures (205-215°C) due to electrolyte and
structural problems. AVX SupraCap
® devices are supplied
with lead frames for either thru-hole or surface mount
assembly. The lead frames act as stress relief for differences
in coefficients of expansion between the large ceramic chip
( 10 ppm/°C) and the PC boards.
DSW 16
50mV
50nS
TPOS-7
Ta
MLC
CSW 1
50nS
50mV
VZR-0.2
V=2.0mV
T=25.5nS
Figure 2
ESR Comparison of Different Capacitor Technologies
ESR -vs- Frequency
100μF Filter Capacitors
1.E-03
1.E-02
1.E-01
1.E+00
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
Aluminum Electrolytic 100μF / 50V
Low ESR Solid Tantalum 100μF / 10V
Solid Aluminum Electrolytic 100μF / 16V
MLCC 100μF / 50V
Figure 1
SUPRACAP® - LARGE CAPACITANCE VALUE MLCs


유사한 부품 번호 - SM025C157KHN650

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM0218LC1CD ETC2-SM0218LC1CD Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDA ETC2-SM0218LC1CDA Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDB ETC2-SM0218LC1CDB Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDC ETC2-SM0218LC1CDC Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDQ ETC2-SM0218LC1CDQ Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
More results

유사한 설명 - SM025C157KHN650

제조업체부품명데이터시트상세설명
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com