전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA036LBSG 데이터시트(PDF) 1 Page - Rohm

부품명 BA036LBSG
상세설명  Super-mini package regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA036LBSG 데이터시트(HTML) 1 Page - Rohm

  BA036LBSG Datasheet HTML 1Page - Rohm BA036LBSG Datasheet HTML 2Page - Rohm BA036LBSG Datasheet HTML 3Page - Rohm BA036LBSG Datasheet HTML 4Page - Rohm BA036LBSG Datasheet HTML 5Page - Rohm BA036LBSG Datasheet HTML 6Page - Rohm BA036LBSG Datasheet HTML 7Page - Rohm BA036LBSG Datasheet HTML 8Page - Rohm BA036LBSG Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BA
ΟΟΟLBSG series
Regulator IC
Super-mini package regulator IC
BA
ΟΟΟ
ΟΟΟ
ΟΟΟ
ΟΟΟLBSG series
The BA
ΟΟΟLBSG (the “ΟΟΟ” indicates the output voltage value) is a low-saturation series regulator IC employing the
super-mini mold package of the SMP5 (2916 package). Equipped with a power-saving function that reduces current
consumption, it also offers outstanding ripple rejection and characteristics, and is ideal for cellular telephones and other.
!
Applications
Residential / industrial device power supplies for cellular telephone such as the CDMA and GSM, and for other portable.
!
Features
1) Internal output transistor (IO=150mA)
2) Internal temperature protection circuit
3) Power-saving function enables designs with low current consumption
4) High level of ripple rejection (R.R.=66dB)
5) SMP5 super-mini package enables space-saving designs
6) Low I / O voltage differential (90mV Typ. at IO=50mA)
!
!
!
!
Super-mini regulator lineup
Series
2.8
2.9
3.0
3.2
Output voltage (V)
3.3
3.6
3.8
4.0
5.0
BA
LBSG
∗ "
" indicates the output voltage value. (Example : For 2.8V output, BA028LBSG)
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Applid voltage
Vcc
9
V
Power dissipation
Pd
mW
Operating temperature
Topr
−40∼+85
°C
Storage temperature
Tstg
−55∼+125
°C
170∗
∗ Reduced by 1.7mW for each increase in Ta of 1˚C over 25˚C
!
!
!
!
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Operating power supply
voltage
Vcc (input)
V
2.5
∼7.0


유사한 부품 번호 - BA036LBSG

제조업체부품명데이터시트상세설명
logo
Rohm
BA036LBSG ROHM-BA036LBSG Datasheet
114Kb / 8P
   Super-mini package regulator IC
More results

유사한 설명 - BA036LBSG

제조업체부품명데이터시트상세설명
logo
Rohm
BA028LBSG ROHM-BA028LBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BAOOLBSG ROHM-BAOOLBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BAOOOLBSG ROHM-BAOOOLBSG Datasheet
114Kb / 8P
   Super-mini package regulator IC
BA00LBSG ROHM-BA00LBSG Datasheet
115Kb / 9P
   Super-mini package regulator IC
BA030LBSG2-TR ROHM-BA030LBSG2-TR Datasheet
121Kb / 9P
   Super-mini package regulator IC
BA000LBSG ROHM-BA000LBSG Datasheet
116Kb / 9P
   Super-mini package regulator IC
BA050LBSG2-TR ROHM-BA050LBSG2-TR Datasheet
121Kb / 9P
   Super-mini package regulator IC
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com