전자부품 데이터시트 검색엔진 |
|
SN74AUP1T57DSFR 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
SN74AUP1T57DSFR 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 24 page VMI From Output Under Test CL (see Note A) LOAD CIRCUIT 1 M Ω VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Output NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns. C. The outputs are measured one at a time, with one transition per measurement. D. tPLH and tPHL are the same as tpd. VMO VMo VMo VMo VMI VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V CL VMI VMO 5, 10, 15, 30 pF VI/2 VCC/2 5, 10, 15, 30 pF VI/2 VCC/2 SN74AUP1T57 www.ti.com SCES611G – OCTOBER 2004 – REVISED MAY 2010 PARAMETER MEASUREMENT INFORMATION Figure 12. Load Circuit and Voltage Waveforms Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): SN74AUP1T57 |
유사한 부품 번호 - SN74AUP1T57DSFR |
|
유사한 설명 - SN74AUP1T57DSFR |