전자부품 데이터시트 검색엔진 |
|
SN74HC595PWRE4 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
SN74HC595PWRE4 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 25 page SN54HC595 SN74HC595 SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009 www.ti.com ELECTRICAL CHARACTERISTICS over recommended operating free-air temperature range (unless otherwise noted) TA = 25°C SN54HC595 SN74HC595 PARAMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN MAX MIN MAX 2 V 1.9 1.998 1.9 1.9 IOH = −20 μA 4.5 V 4.4 4.499 4.4 4.4 6 V 5.9 5.999 5.9 5.9 VOH VI = VIH or VIL QH′, IOH = −4 mA 3.98 4.3 3.7 3.84 V 4.5 V QA−QH, IOH = −6 mA 3.98 4.3 3.7 3.84 QH′, IOH = −5.2 mA 5.48 5.8 5.2 5.34 6 V QA−QH, IOH = −7.8 mA 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 μA 4.5 V 0.001 0.1 0.1 0.1 6 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL QH′, IOL = 4 mA 0.17 0.26 0.4 0.33 V 4.5 V QA−QH, IOL = 6 mA 0.17 0.26 0.4 0.33 QH′, IOL = 5.2 mA 0.15 0.26 0.4 0.33 6 V QA−QH, IOL = 7.8 mA 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA IOZ VO = VCC or 0, QA−QH 6 V ±0.01 ±0.5 ±10 ±5 µA ICC VI = VCC or 0, IO = 0 6 V 8 160 80 µA 2 V Ci 3 10 10 10 pF to 6 V 6 Submit Documentation Feedback Copyright © 1982–2009, Texas Instruments Incorporated Product Folder Link(s): SN54HC595 SN74HC595 |
유사한 부품 번호 - SN74HC595PWRE4 |
|
유사한 설명 - SN74HC595PWRE4 |