전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3359DCUTG4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A3359DCUTG4
상세설명  1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3359DCUTG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS5A3359DCUTG4 Datasheet HTML 3Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 4Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 5Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 6Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 7Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 8Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 9Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 10Page - Texas Instruments TS5A3359DCUTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
TS5A3359
1-
Ω SP3T ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS214C – OCTOBER 2005 – REVISED JANUARY 2008
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
25
°C
1.8
2.5
Peak ON
0
≤ (VNO) ≤ V+,
Switch ON,
rpeak
2.3 V
resistance
ICOM = –8 mA,
See Figure 19
Full
2.7
25
°C
1.5
2
ON-state
VNO = 1.8 V,
Switch ON,
ron
2.3 V
resistance
ICOM = –8 mA,
See Figure 19
Full
2.4
ON-state
25
°C
0.2
resistance
VNO = 1.8 V,
Switch ON,
Δron
2.3 V
match between
ICOM = –8 mA,
See Figure 19
Full
0.2
channels
0
≤ (VNO) ≤ V+,
Switch ON,
25
°C
0.6
ON-state
ICOM = –8 mA,
See Figure 19
resistance
ron(flat)
2.3 V
25
°C
0.6
1
VNO = 0.8 V, 1.8 V
Switch ON,
flatness
ICOM = –8 mA,
See Figure 19
Full
1
25
°C
–15
3
15
VNO = 0.5 V or 2.3 V,
Switch OFF,
INO(OFF)
2.7 V
nA
NO
VCOM = 0.5 V to 2.3 V,
See Figure 20
Full
–30
30
OFF leakage
25
°C
–1
0.1
1
VNO = 0 to 2.7 V,
Switch OFF,
current
INO(PWROFF)
0 V
µA
VCOM = 2.7 V to 0,
See Figure 20
Full
–10
10
NO
25
°C
–15
3
15
VNO = 0.5 V or 2.3 V,
Switch ON,
ON leakage
INO(ON)
2.7 V
nA
VCOM = Open,
See Figure 20
Full
–35
35
current
25
°C
–15
3
15
VNO = 0.3 V to 2.3 V,
Switch OFF,
ICOM(OFF)
2.7 V
nA
COM
VCOM = 0.5 V or 2.3 V,
See Figure 20
Full
–60
60
OFF leakage
25
°C
–1
0.1
1
VCOM = 0 to 2.7 V,
Switch OFF,
current
ICOM(PWROFF)
0 V
µA
VNO = 2.7 V to 0,
See Figure 20
Full
–10
10
COM
25
°C
–15
3.5
15
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
2.7 V
nA
VCOM = 0.5 V or 2.2 V,
See Figure 20
Full
–40
40
current
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
V
25
°C
1
1
Input leakage
IIH, IIL
VI = 5.5 V or 0
2.7 V
nA
current
Full
10
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5A3359


유사한 부품 번호 - TS5A3359DCUTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3359DCUTG4 TI1-TS5A3359DCUTG4 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
More results

유사한 설명 - TS5A3359DCUTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com