전자부품 데이터시트 검색엔진 |
|
BTA312-800E 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
BTA312-800E 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 12 page BTA312_SER_D_E_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 16 April 2007 2 of 12 NXP Semiconductors BTA312 series D and E 12 A Three-quadrant triacs high commutation 3. Ordering information 4. Limiting values [1] Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 15 A/ µs. Table 2. Ordering information Type number Package Name Description Version BTA312-600D SC-46 plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78 BTA312-600E BTA312-800E Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDRM repetitive peak off-state voltage BTA312-600D; BTA312-600E [1] - 600 V BTA312-800E - 800 V IT(RMS) RMS on-state current full sine wave; Tmb ≤ 101 °C; see Figure 4 and 5 -12 A ITSM non-repetitive peak on-state current full sine wave; Tj =25 °C prior to surge; see Figure 2 and 3 t = 20 ms - 95 A t = 16.7 ms - 105 A I2tI2t for fusing t = 10 ms - 45 A2s dIT/dt rate of rise of on-state current ITM = 20 A; IG = 0.2 A; dIG/dt = 0.2 A/µs - 100 A/ µs IGM peak gate current - 2 A PGM peak gate power - 5 W PG(AV) average gate power over any 20 ms period - 0.5 W Tstg storage temperature −40 +150 °C Tj junction temperature - 125 °C |
유사한 부품 번호 - BTA312-800E |
|
유사한 설명 - BTA312-800E |