전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSR800 데이터시트(PDF) 15 Page - Zetex Semiconductors

부품명 ZSR800
상세설명  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR800 데이터시트(HTML) 15 Page - Zetex Semiconductors

Back Button ZSR800 Datasheet HTML 10Page - Zetex Semiconductors ZSR800 Datasheet HTML 11Page - Zetex Semiconductors ZSR800 Datasheet HTML 12Page - Zetex Semiconductors ZSR800 Datasheet HTML 13Page - Zetex Semiconductors ZSR800 Datasheet HTML 14Page - Zetex Semiconductors ZSR800 Datasheet HTML 15Page - Zetex Semiconductors ZSR800 Datasheet HTML 16Page - Zetex Semiconductors ZSR800 Datasheet HTML 17Page - Zetex Semiconductors ZSR800 Datasheet HTML 18Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CONNECTION DIAGRAMS
ISSUE 3 - SEPTEMBER 2001
15
ZSR
SERIES
SO8
Package Suffix – N8
Top View
TO92
Package Suffix – C
Bottom View
SOT223
Package Suffix – G
Top View –
Connect pin 4 to pin 2 or leave pin 4
electrically isolated
Part No
Package
Partmark
ZSR
s C
TO92
ZSR
s
ZSR
s G
SOT223
ZSR
s
ZSR
s N8
SO8
ZSR
s
s Voltage Option
eg 3V device in TO92 package
part number ZSR300C
part marked ZSR300 *
eg 12V device in SOT223 package
part number ZSR1200G
part marked ZSR1200 *
eg 5V device in SO8 package
part number ZSR500N8
part marked ZSR500 *
ORDERING INFORMATION
Voltage Voltage
Option
s
TO92
SOT223 SO8
2.85V
285
33
3
3.0V
300
33
3
3.3V
330
33
3
4.0V
400
33
3
4.85V
485
33
3
5.0V
500
33
3
5.2V
520
33
3
5.7V
570
33
3
6.0V
600
33
3
7.0V
700
33
3
8.0V
800
33
3
8.5V
850
33
3
9.0V
900
33
3
10.0V
1000
33
3
12.0V
1200
33
3
OPTIONS
* NOTE: Exception. ZSR1000 part mark
is ZSR100 for all package options


유사한 부품 번호 - ZSR800

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZSR800 ZETEX-ZSR800 Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR800C ZETEX-ZSR800C Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR800G ZETEX-ZSR800G Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSR800GTA DIODES-ZSR800GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR800GTA ZETEX-ZSR800GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
More results

유사한 설명 - ZSR800

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com