전자부품 데이터시트 검색엔진 |
|
DAC1405D650 데이터시트(PDF) 10 Page - NXP Semiconductors |
|
DAC1405D650 데이터시트(HTML) 10 Page - NXP Semiconductors |
10 / 43 page DAC1405D650_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 4 May 2009 10 of 43 NXP Semiconductors DAC1405D650 Dual 14-bit DAC, up to 650 Msps; 2 × 4× and 8× interpolating Clock inputs (CLKP and CLKN)[2] Vi input voltage CLKP; or CLKN |V gpd| <50mV C [3] 825 - 1575 mV Vidth input differential threshold voltage |V gpd| < 50 mV C [3] −100 - +100 mV Ri input resistance D - 10 - M Ω Ci input capacitance D - 0.5 - pF Digital inputs (I0 to I13, Q0 to Q13) VIL LOW-level input voltage C GNDIO - 1.0 V VIH HIGH-level input voltage C 2.3 - VDD(IO)(3V3) V IIL LOW-level input current VIL = 1.0 V I - 60 - µA IIH HIGH-level input current VIH = 2.3 V I - 80 - µA Digital inputs (SDO, SDIO, SCLK, SCS_N and RESET_N) VIL LOW-level input voltage C GNDIO - 1.0 V VIH HIGH-level input voltage C 2.3 - VDD(IO)(3V3) V IIL LOW-level input current VIL = 1.0 V I - 20 - nA IIH HIGH-level input current VIH = 2.3 V I - 20 - nA Analog outputs (IOUTAP, IOUTAN, IOUTBP and IOUTBN) IO(fs) full-scale output current register value = 00h C - 1.6 - mA default register C - 20 - mA VO output voltage compliance range C 1.8 - VDDA(3V3) V Ro output resistance D - 250 - k Ω Co output capacitance D - 3 - pF NDAC(mono) DAC monotonicity guaranteed D - 8 - bit ∆EO offset error variation C - 6 - ppm/ °C ∆EG gain error variation C - 18 - ppm/ °C Reference voltage output (GAPOUT) VO(ref) reference output voltage Tamb = 25 °C I 1.2 1.25 1.29 V ∆VO(ref) reference output voltage variation C - 117 - ppm/ °C IO(ref) reference output current external voltage 1.25 V D - 40 - µA Table 5. Characteristics …continued VDDA(1V8) =VDDD(1V8) = 1.8 V; VDDA(3V3) =VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together; Tamb = −40 °Cto +85 °C; typical values measured at Tamb =25 °C; RL =50 Ω;IO(fs) = 20 mA; maximum sample rate; PLL on unless otherwise specified. Symbol Parameter Conditions Test [1] Min Typ Max Unit |
유사한 부품 번호 - DAC1405D650 |
|
유사한 설명 - DAC1405D650 |