전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSCSNBN060MG3A5 데이터시트(PDF) 3 Page - Honeywell Solid State Electronics Center

부품명 SSCSNBN060MG3A5
상세설명  TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSNBN060MG3A5 데이터시트(HTML) 3 Page - Honeywell Solid State Electronics Center

  SSCSNBN060MG3A5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSNBN060MG3A5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Honeywell Sensing and Control
3


유사한 부품 번호 - SSCSNBN060MG3A5

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SSCSNBN060MGAA3 HONEYWELL-SSCSNBN060MGAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSCSNBN060MGAA3 HONEYWELL-SSCSNBN060MGAA3 Datasheet
1Mb / 12P
   TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
SSCSNBN060MGAA5 HONEYWELL-SSCSNBN060MGAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSCSNBN060MGAA5 HONEYWELL-SSCSNBN060MGAA5 Datasheet
1Mb / 12P
   TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
SSCSNBN060MGAA5 HONEYWELL-SSCSNBN060MGAA5 Datasheet
1Mb / 13P
   Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
More results

유사한 설명 - SSCSNBN060MG3A5

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSCSANN010BGAA3 HONEYWELL-SSCSANN010BGAA3 Datasheet
1Mb / 12P
   TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com