전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSR520G 데이터시트(PDF) 13 Page - Zetex Semiconductors

부품명 ZSR520G
상세설명  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR520G 데이터시트(HTML) 13 Page - Zetex Semiconductors

Back Button ZSR520G Datasheet HTML 9Page - Zetex Semiconductors ZSR520G Datasheet HTML 10Page - Zetex Semiconductors ZSR520G Datasheet HTML 11Page - Zetex Semiconductors ZSR520G Datasheet HTML 12Page - Zetex Semiconductors ZSR520G Datasheet HTML 13Page - Zetex Semiconductors ZSR520G Datasheet HTML 14Page - Zetex Semiconductors ZSR520G Datasheet HTML 15Page - Zetex Semiconductors ZSR520G Datasheet HTML 16Page - Zetex Semiconductors ZSR520G Datasheet HTML 17Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISSUE 3 - SEPTEMBER 2001
13
ZSR
SERIES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
7.8
8
8.2
V
I
O=1 to 200mA τ
7.68
8.32
V
V
in=10to20V
I
O=1 to 100mA τ
7.68
8.32
V
∆V
O
Line Regulation
V
in
=10 to 20V
11
40
mV
∆V
O
Load Regulation
I
O
=1 to 200mA
I
O=1 to 100mA
8
3
30
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change I
O=1 to 200mA
V
in=10to20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
115
µVrms
∆V
in /∆VO
Ripple Rejection
V
in=11to18V
f=120Hz
44
60
dB
V
in
Input Voltage Required To
Maintain Regulation
10
9.7
V
∆V
O /∆T
Average Temperature
Coefficient of V
O
I
O=5.0mA τ
0.25
mV/°C
ZSR800 TEST CONDITIONS (Unless otherwise stated): Tj=25°C, IO=100mA, Vin=12V
=Tj = -55 to 125°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
6.825
7
7.175
V
I
O=1 to 200mA τ
6.72
7.28
V
V
in=9 to 20V
I
O=1 to 100mA τ
6.72
7.28
V
∆V
O
Line Regulation
V
in
=9 to 20V
10
40
mV
∆V
O
Load Regulation
I
O
=1 to 200mA
I
O=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change
I
O=1 to 200mA
V
in=9 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
75
µVrms
∆V
in /∆VO
Ripple Rejection
V
in=10to18V
f=120Hz
48
62
dB
V
in
Input Voltage Required To
Maintain Regulation
9
8.7
V
∆V
O /∆T
Average Temperature
Coefficient of V
O
I
O=5.0mA τ
0.1
mV/°C
ZSR700 TEST CONDITIONS (Unless otherwise stated): Tj=25°C, IO=100mA, Vin=11V


유사한 부품 번호 - ZSR520G

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZSR520G ZETEX-ZSR520G Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR520GTA ZETEX-ZSR520GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
More results

유사한 설명 - ZSR520G

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com