전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C752C 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TL16C752C
상세설명  DUAL UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL16C752C 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TL16C752C Datasheet HTML 4Page - Texas Instruments TL16C752C Datasheet HTML 5Page - Texas Instruments TL16C752C Datasheet HTML 6Page - Texas Instruments TL16C752C Datasheet HTML 7Page - Texas Instruments TL16C752C Datasheet HTML 8Page - Texas Instruments TL16C752C Datasheet HTML 9Page - Texas Instruments TL16C752C Datasheet HTML 10Page - Texas Instruments TL16C752C Datasheet HTML 11Page - Texas Instruments TL16C752C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Serial to
Parallel
Flow
Control
Parallel to
Serial
Flow
Control
RX
FIFO
TX
FIFO
Parallel to
Serial
Flow
Control
Serial to
Parallel
Flow
Control
TX
FIFO
RX
FIFO
D7- D0
D7- D0
UART 1
UART 2
RX
RTS
TX
CTS
TX
CTS
RX
RTS
TL16C752C
SLLS646A – MARCH 2008 – REVISED AUGUST 2009 .................................................................................................................................................... www.ti.com
A.
When CTS is low, the transmitter keeps sending serial data out.
B.
When CTS goes high before the middle of the last stop bit of the current byte, the transmitter finishes sending the
current byte, but it does not send the next byte.
C.
When CTS goes from high to low, the transmitter begins sending data again.
Figure 2. CTS Functional Timing
Figure 3. Autoflow Control (Auto-RTS and Auto-CTS) Example
Software Flow Control
Software flow control is enabled through the enhanced feature register and the modem control register. Different
combinations of software flow control can be enabled by setting different combinations of EFR[3
−0]. Table 1
shows software flow control options.
Two other enhanced features relate to S/W flow control:
Xon Any Function [MCR(5): Operation resumes after receiving any character after recognizing the Xoff
character.
NOTE
It is possible that an Xon1 character is recognized as an Xon Any character, which
could cause an Xon2 character to be written to the RX FIFO.
Special Character [EFR(5)]: Incoming data is compared to Xoff2. Detection of the special character sets the
Xoff interrupt {IIR(4)] but does not halt transmission. The Xoff interrupt is cleared by a read of the IIR. The
special character is transferred to the RX FIFO.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TL16C752C


유사한 부품 번호 - TL16C752C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CI-Q1 TI1-TL16C752CI-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CIPFBRQ1 TI1-TL16C752CIPFBRQ1 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
More results

유사한 설명 - TL16C752C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com