전자부품 데이터시트 검색엔진 |
|
CS42L73-CRZ 데이터시트(PDF) 2 Page - Cirrus Logic |
|
CS42L73-CRZ 데이터시트(HTML) 2 Page - Cirrus Logic |
2 / 7 page 2 CS42L73 Stereo Analog to Digital Features 91 dB Dynamic Range (A-wtd) -85 dB THD+N Independent ADC Channel Control 2:1 Stereo Analog Input MUX Stereo Line Input – Shared Pseudo-differential Reference Input Dual Analog MIC Inputs – Pseudo-diff. or Single-ended – Two, Independent, Programmable, Low- noise, MIC Bias Outputs – MIC Short Detect to Support Headset Button Analog Programmable Gain Amplifier (PGA) (+12 to -6 dB in 0.5 dB steps) +10 dB or +20 dB Analog MIC Boost in Addition to PGA Gain Settings Programmable Automatic Level Control (ALC) – Noise Gate for Noise Suppression – Progr. Threshold & Attack/Release Rates Dual Digital Microphone Interface Programable Clock Rate – Integer Divide by 2 or 4 of Internal MCLK Stereo DAC to Headphone Amplifier 94 dB Dynamic Range (A-wtd) -81 dB THD+N into 32 Integrated Step-down/Inverting Charge Pump Class H Amplifier - Automatic Supply Adj. – High Efficiency –Low EMI Pseudo-differential Ground-centered Outputs High HP Power Output at -70/-81 dB THD+N – 2 x 17/8.5 mW into 16/32 @ 1.8 V Pop and Click Suppression Analog Vol. Ctl. (+12 to -50 dB in 1 dB steps; to -76 dB in 2 dB steps) with Zero-cross Trans. Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps) with Soft-ramp Transitions Programmable Peak-detect and Limiter Stereo DAC to Line Outputs 97 dB Dynamic Range (A-wtd) -86 dB THD+N Class-H Amplifier Pseudo-differential Ground-centered Outputs 1 VRMS Line Output @ 1.8 V Pop and Click Suppression Analog Vol. Ctl. (+12 to -50 dB in 1 dB steps; to -76 dB in 2 dB steps) with Zero-cross Trans. Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps) with Soft-ramp Transitions Programmable Peak-detect and Limiter Mono DAC to Ear Speaker Amplifier High Power Output at -70 dB (0.032%) THD+N – 45 mW into 16 @ 1.8 V Pop and Click Suppression Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps) with Soft-ramp Transitions Programmable Peak-detect and Limiter Mono DAC to Speakerphone Amplifier High Output Power at 1% THD+N – 1.18/0.84/0.66 W into 8 @ 5.0/4.2/3.7 V Direct Battery-powered Operation Pop and Click Suppression Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps) with Soft-ramp Transitions Programmable Peak-detect and Limiter Mono DAC to Speakerph. Line Output 84 dB Dynamic Range (A-wtd) -75 dB THD+N High Voltage (1.53 VRMS @ VA = 1.8 V, VP = 3.7 V) Line Output to Ensure Maximum Output from a Wide Variety of External Amplifiers Pop and Click Suppression Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps) with Soft-ramp Transitions Programmable Peak-detect and Limiter Serial Ports Three Independent Serial Ports: Auxiliary, Audio, and Voice 8.00, 11.025, 12.00, 16.00, 22.05, 24.00, 32.00, 44.10, and 48.00 kHz Sample Rates All Ports Support Master or Slave Operation with I²S Interface Auxiliary and Voice Ports Support Slave Operation with PCM Interface Auxiliary and Audio Ports are Stereo- Input/Stereo-Output to/from Digital Mixer Voice Port is Mono-Input/Stereo-Output to/from Digital Mixer Integrated Asynch. Sample Rate Converters |
유사한 부품 번호 - CS42L73-CRZ |
|
유사한 설명 - CS42L73-CRZ |