전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29011IROZ-T7 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL29011IROZ-T7
상세설명  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011IROZ-T7 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL29011IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6467.3
February 4, 2010
Once triggered, INT pin stays low and the status bit stays
high. Both interrupt pin and the status bit are automatically
cleared at the end of Command Register I transfer.
3. Interrupt persist; Bits 1 and 0. The interrupt pin and the
interrupt flag is triggered/set when the data sensor
reading is out of the interrupt threshold window after m
consecutive number of integration cycles. The interrupt
persist bits determine m.
Command Register II 01(hex)
The second command register has the following functions:
1. Proximity Sensing Scheme: Bit 7. This bit programs the
function of the proximity detection. Logic 0 of this bit,
Scheme 0, makes full n (4, 8, 12, 16) bits (unsigned)
proximity detection. The range of Scheme 0 proximity count
is from 0 to 2n. Logic 1 of this bit, Scheme 1, makes n-1 (3,
7, 11, 15) bits (2’s complementary) proximity_less_ambient
detection. The range of Scheme 1 proximity count is from -
2(n-1) to 2(n-1). While Scheme 0 has wider dynamic range,
Scheme 1 proximity detection is less affected by the
ambient IR noise variation.
2. Modulation Frequency: Bits 6. This bit sets the IR LED
driver’s modulation frequency.
3. Amplitude of IR driver current: Bits 5 and 4. This device
provides current source to drive an external IR LED. The
drive capability can be programmed through Bits 5 and 4.
For example, the device sources 12.5mA out of the IRDR
pin if Bits 5 and 4 are 0.
4. Resolution: Bits 3 and 2. Bits 3 and 2 determine the ADC’s
resolution and the number of clock cycles per conversion
in Internal Timing Mode. Changing the number of clock
cycles does more than just change the resolution of the
device. It also changes the integration time, which is the
period the device’s analog-to-digital (A/D) converter
samples the photodiode current signal for a measurement.
.
5. Range: Bits 1 and 0. The Full Scale Range (FSR) can be
adjusted via I2C using Bits 1 and 0. Table 9 lists the
possible values of FSR for the 499k
Ω REXT resistor.
Data Registers (02 hex and 03 hex)
The device has two 8-bit read-only registers to hold the data
from LSB to MSB for ADC. The most significant bit (MSB) is
accessed at 03 hex, and the least significant bit (LSB) is
accessed at 02 hex. For 16-bit resolution, the data is from
D0 to D15; for 12-bit resolution, the data is from D0 to D11;
for 8-bit resolution, the data is from D0 to D7. The registers
are refreshed after every conversion cycle.
Interrupt Registers (04, 05, 06 and 07 hex)
Registers 04 and 05 hex set the low (LO) threshold for the
interrupt pin and the interrupt flag. 04 hex is the LSB and 05
hex is the MSB. By default, the Interrupt threshold LO is 00
hex for both LSB and MSB.
TABLE 3. INTERRUPT FLAG
BIT 2
OPERATION
0
Interrupt is cleared or not triggered yet
1
Interrupt is triggered
TABLE 4. INTERRUPT PERSIST
BITS 1 TO 0
NUMBER OF INTEGRATION CYCLES
00
1
01
4
10
8
11
16
TABLE 5. PROXIMITY SENSING SCHEME
BIT 7
OPERATION
0
Sensing IR from LED and ambient
1
Sensing IR from LED with ambient IR rejection
TABLE 6. MODULATION FREQUENCY
BITS 6
MODULATION FREQUENCY
(kHz)
0DC
1
360
TABLE 7. CURRENT SOURCE CAPABILITY AT IRDR PIN
BITS 5 TO 4
IRDR PIN SOURCE CURRENT
00
12.5mA IR LED driver
01
25mA IR LED driver
10
50mA IR LED driver
11
100mA IR LED driver
TABLE 8. RESOLUTION/WIDTH
BITS 3 TO 2
NUMBER OF CLOCK CYCLES
n-BIT ADC
00
216 = 65,536
16
01
212 = 4,096
12
10
28 = 256
8
11
24 = 16
4
TABLE 9. RANGE/FSR LUX
BITS
1:0
k
RANGE(k)
FSR (LUX) @
ALS SENSING
FSR @ IR
SENSING
00
1
Range1
1,000
Refer to page 4
01
2
Range2
4,000
Refer to page 4
10
3
Range3
16,000
Refer to page 4
11
4
Range4
64,000
Refer to page 4
TABLE 10. DATA REGISTERS
ADDRESS
(hex)
CONTENTS
02
D0 is LSB for 4, 8, 12 or 16-bit resolution, D3 is MSB
for 4-bit resolution, D7 is MSB for 8-bit resolution
03
D15 is MSB for 16-bit resolution, D11 is MSB for
12-bit resolution
ISL29011


유사한 부품 번호 - ISL29011IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
logo
Renesas Technology Corp
ISL29011IROZ-T7 RENESAS-ISL29011IROZ-T7 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

유사한 설명 - ISL29011IROZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com