전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1579002-2 데이터시트(PDF) 25 Page - Tyco Electronics

부품명 4-1579002-2
상세설명  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1579002-2 데이터시트(HTML) 25 Page - Tyco Electronics

Back Button 4-1579002-2 Datasheet HTML 21Page - Tyco Electronics 4-1579002-2 Datasheet HTML 22Page - Tyco Electronics 4-1579002-2 Datasheet HTML 23Page - Tyco Electronics 4-1579002-2 Datasheet HTML 24Page - Tyco Electronics 4-1579002-2 Datasheet HTML 25Page - Tyco Electronics 4-1579002-2 Datasheet HTML 26Page - Tyco Electronics 4-1579002-2 Datasheet HTML 27Page - Tyco Electronics 4-1579002-2 Datasheet HTML 28Page - Tyco Electronics 4-1579002-2 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Grounding Solutions
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
23
Product Features
I Self-tapping screw or nut
and locking ring
I Quick and easy mounting
I Four-point contact to wire
I Low interface resistance
I Toolless termination
I Re-terminateable up to
5 times
I UV resistant
I Weather-proof
I RoHS compliant
I UL approved
I TÜV in preparation
Description
SolKlip ground clips are designed
for solar panel grounding appli-
cations using solid un-insulated
copper 10 AWG and 12 AWG.
Applications
Solar panels and related products
that require grounding for safety
reasons.
Applications include: wire
jumpers between solar panels,
solar roof tiles and between
panels and the AC/DC inverters.
Approvals
• UL 467 pending
• UL 486A-B pending
• TÜV in preparation
Materials
Housing:
Durable PPT.
Contact:
High conductivity copper alloy
Mechanical
The mechanical properties of
this product will meet the tough
requirements for grounding
applications layed down in the
UL requirements.
Insert ...
... Push ...
... Ready!
3 Easy Steps to
Ground Your PV System
Grounding Solutions
Part Number
Description
Package Quantity
1954381-1
SolKlip with Self-Tapping Screw
100
1954381-2
SolKlip with Screw and Nut
100
1954381-3
SolKlip with Screw, Nut and Locking Ring
100
2058729-1
AWG 6-8 Grounding Clip
100
Electrical
The electrical performance of
this product will meet the tough
requirements of photovoltaic
grounding applications.
Product Offering & Dimensions
SolKlip for Solar Grounding
(Part No. 1954381-x) to handle
solid, un-insulated ground wire
from 4 mm2 (AWG 12) to 6 mm2
(AWG 10). For larger wires from
10 mm2 (AWG 8) and 16 mm2
(AWG 6) please use the AWG 6-8
Grounding Connector.
Application Tooling
No special tooling required.
SolKlip Grounding Clip
AWG 6-8 Grounding Connection


유사한 부품 번호 - 4-1579002-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-1571986-0 MACOM-4-1571986-0 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
4-1571986-1 MACOM-4-1571986-1 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
4-1571986-2 MACOM-4-1571986-2 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
4-1571986-3 MACOM-4-1571986-3 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
4-1571986-4 MACOM-4-1571986-4 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
More results

유사한 설명 - 4-1579002-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com