전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D00950-000 데이터시트(PDF) 7 Page - Tyco Electronics

부품명 D00950-000
상세설명  Metal Oxide Varistors Overvoltage Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

D00950-000 데이터시트(HTML) 7 Page - Tyco Electronics

Back Button D00950-000 Datasheet HTML 2Page - Tyco Electronics D00950-000 Datasheet HTML 3Page - Tyco Electronics D00950-000 Datasheet HTML 4Page - Tyco Electronics D00950-000 Datasheet HTML 5Page - Tyco Electronics D00950-000 Datasheet HTML 6Page - Tyco Electronics D00950-000 Datasheet HTML 7Page - Tyco Electronics D00950-000 Datasheet HTML 8Page - Tyco Electronics D00950-000 Datasheet HTML 9Page - Tyco Electronics D00950-000 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 7 of 10
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
λ
λ
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
A max.
12.5
λ ± 0.05
0.8
E ± 1.0
7.5
B max.
18.0
D1 min.
25.0
D min.
24.0
Type No.
C max.
F±0.8
B1 max.
180M
4.9
0.8
15.5
220L
4.9
0.9
15.5
270K
5.1
0.9
15.5
330K
5.1
1.0
15.5
390K
5.1
1.2
15.5
470K
5.5
1.2
15.5
560K
5.5
1.4
15.5
680K
6.0
1.7
15.5
820K
4.3
0.8
15.5
101K
4.4
0.8
15.5
121K
4.5
0.9
15.5
151K
4.9
1.2
15.5
181K
4.5
1.0
15.5
201K
4.6
1.0
15.5
221K
4.7
1.1
15.5
241K
4.8
1.3
15.5
271K
5.0
1.4
15.5
301K
5.2
1.6
15.5
331K
5.3
1.6
15.5
361K
5.5
1.9
15.5
391K
5.7
2.2
16.0
431K
6.5
2.5
16.0
471K
6.8
2.6
16.0
511K
7.0
3.1
16.5
561K
7.3
3.4
16.5
621K
7.6
4.0
16.5
681K
8.0
4.4
16.5
751K
8.4
4.4
16.5
781K
8.6
4.6
16.5
821K
8.8
4.6
16.5
911K
9.4
5.4
16.5
102K
9.9
5.4
16.5
112K
10.5
5.7
16.5
182K
12.6
9.8
18.5


유사한 부품 번호 - D00950-000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
   Durable, rugged construction
More results

유사한 설명 - D00950-000

제조업체부품명데이터시트상세설명
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com