전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1987376-1 데이터시트(PDF) 20 Page - Tyco Electronics

부품명 4-1987376-1
상세설명  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1987376-1 데이터시트(HTML) 20 Page - Tyco Electronics

Back Button 4-1987376-1 Datasheet HTML 16Page - Tyco Electronics 4-1987376-1 Datasheet HTML 17Page - Tyco Electronics 4-1987376-1 Datasheet HTML 18Page - Tyco Electronics 4-1987376-1 Datasheet HTML 19Page - Tyco Electronics 4-1987376-1 Datasheet HTML 20Page - Tyco Electronics 4-1987376-1 Datasheet HTML 21Page - Tyco Electronics 4-1987376-1 Datasheet HTML 22Page - Tyco Electronics 4-1987376-1 Datasheet HTML 23Page - Tyco Electronics 4-1987376-1 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AC Inverter Connector
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
18
Product Facts
I Current Rating:
25 A per Pole
I Voltage Rating:
400 V
I Protection Degree:
IP 67 (mated)
I No. of Positions:
5 Poles
I Temperature Range:
–40 °C up to +50 °C
I Wire Size Range:
2.5–6.0 mm2
I Approvals:
• VDE certified
Panel Mount Plug
Part Number
Nut
Cable Length
(5 x 4.0 mm2)
Package
Quantity
1740483-1
Metal
200 mm
24
1740483-2
Plastic
200 mm
24
Free Hanging Receptacle
Part Number
Nut
Cable Length
(5 x 4.0 mm2)
Package
Quantity
1740479-1
24
Complete Sets
Part Number
Nut
Cable Length
(5 x 4.0 mm2)
Package
Quantity
1740493-1
Metal
200 mm
24
1740493-2
Plastic
200 mm
24


유사한 부품 번호 - 4-1987376-1

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-1982564 TEC-4-1982564 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
   2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
4-1982564-1 TEC-4-1982564-1 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
More results

유사한 설명 - 4-1987376-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com