전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8630-EQC25-A2T 데이터시트(PDF) 84 Page - Texas Instruments

부품명 LM3S8630-EQC25-A2T
상세설명  Stellaris짰 LM3S8630 Microcontroller
Download  546 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8630-EQC25-A2T 데이터시트(HTML) 84 Page - Texas Instruments

Back Button LM3S8630-EQC25-A2T Datasheet HTML 80Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 81Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 82Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 83Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 84Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 85Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 86Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 87Page - Texas Instruments LM3S8630-EQC25-A2T Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 546 page
background image
Description
Reset
Type
Name
Bit/Field
PLL Bypass
Chooses whether the system clock is derived from the PLL output or
the OSC source. If set, the clock that drives the system is the OSC
source. Otherwise, the clock that drives the system is the PLL output
clock divided by the system divider.
1
R/W
BYPASS
11
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
10
Crystal Value
This field specifies the crystal value attached to the main oscillator. The
encoding for this field is provided below.
Crystal Frequency (MHz) Using
the PLL
Crystal Frequency (MHz) Not
Using the PLL
Value
reserved
1.000
0x0
reserved
1.8432
0x1
reserved
2.000
0x2
reserved
2.4576
0x3
3.579545 MHz
0x4
3.6864 MHz
0x5
4 MHz
0x6
4.096 MHz
0x7
4.9152 MHz
0x8
5 MHz
0x9
5.12 MHz
0xA
6 MHz (reset value)
0xB
6.144 MHz
0xC
7.3728 MHz
0xD
8 MHz
0xE
8.192 MHz
0xF
0xB
R/W
XTAL
9:6
Oscillator Source
Selects the input source for the OSC. The values are:
Input Source
Value
MOSC
Main oscillator
0x0
IOSC
Internal oscillator (default)
0x1
IOSC/4
Internal oscillator / 4 (this is necessary if used as input to PLL)
0x2
30 kHz
30-KHz internal oscillator
0x3
For additional oscillator sources, see the RCC2 register.
0x1
R/W
OSCSRC
5:4
April 04, 2010
84
Texas Instruments-Production Data
System Control


유사한 부품 번호 - LM3S8630-EQC25-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630-EQC50-A2 TI-LM3S8630-EQC50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-EQC50-A2T TI-LM3S8630-EQC50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
More results

유사한 설명 - LM3S8630-EQC25-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630 TI-LM3S8630_1 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com