전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8630-IGZ25-A2 데이터시트(PDF) 98 Page - Texas Instruments

부품명 LM3S8630-IGZ25-A2
상세설명  Stellaris짰 LM3S8630 Microcontroller
Download  546 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8630-IGZ25-A2 데이터시트(HTML) 98 Page - Texas Instruments

Back Button LM3S8630-IGZ25-A2 Datasheet HTML 94Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 95Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 96Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 97Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 98Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 99Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 100Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 101Page - Texas Instruments LM3S8630-IGZ25-A2 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 546 page
background image
Register 17: Device Capabilities 4 (DC4), offset 0x01C
This register provides a list of features available in the system. The Stellaris family uses this register
format to indicate the availability of the following family features in the specific device: Ethernet MAC
and PHY, GPIOs, and CCP I/Os. The format of this register is consistent with the RCGC2, SCGC2,
and DCGC2 clock control registers and the SRCR2 software reset control register.
Device Capabilities 4 (DC4)
Base 0x400F.E000
Offset 0x01C
Type RO, reset 0x5000.007F
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
reserved
EMAC0
reserved
EPHY0
reserved
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
Type
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
Reset
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GPIOA
GPIOB
GPIOC
GPIOD
GPIOE
GPIOF
GPIOG
reserved
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
Type
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
Reset
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
31
Ethernet PHY0 Present
When set, indicates that Ethernet PHY module 0 is present.
1
RO
EPHY0
30
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
29
Ethernet MAC0 Present
When set, indicates that Ethernet MAC module 0 is present.
1
RO
EMAC0
28
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
27:7
GPIO Port G Present
When set, indicates that GPIO Port G is present.
1
RO
GPIOG
6
GPIO Port F Present
When set, indicates that GPIO Port F is present.
1
RO
GPIOF
5
GPIO Port E Present
When set, indicates that GPIO Port E is present.
1
RO
GPIOE
4
GPIO Port D Present
When set, indicates that GPIO Port D is present.
1
RO
GPIOD
3
GPIO Port C Present
When set, indicates that GPIO Port C is present.
1
RO
GPIOC
2
April 04, 2010
98
Texas Instruments-Production Data
System Control


유사한 부품 번호 - LM3S8630-IGZ25-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630-IBZ50-A2 TI-LM3S8630-IBZ50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-IBZ50-A2T TI-LM3S8630-IBZ50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S8630-IQC50-A2 TI-LM3S8630-IQC50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-IQC50-A2T TI-LM3S8630-IQC50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
More results

유사한 설명 - LM3S8630-IGZ25-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630 TI-LM3S8630_1 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com