전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8630-IQR80-A2 데이터시트(PDF) 38 Page - Texas Instruments

부품명 LM3S8630-IQR80-A2
상세설명  Stellaris짰 LM3S8630 Microcontroller
Download  546 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8630-IQR80-A2 데이터시트(HTML) 38 Page - Texas Instruments

Back Button LM3S8630-IQR80-A2 Datasheet HTML 34Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 35Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 36Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 37Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 38Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 39Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 40Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 41Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 546 page
background image
1.4.5.2
Flash (see page 144)
The LM3S8630 Flash controller supports 128 KB of flash memory. The flash is organized as a set
of 1-KB blocks that can be individually erased. Erasing a block causes the entire contents of the
block to be reset to all 1s. These blocks are paired into a set of 2-KB blocks that can be individually
protected. The blocks can be marked as read-only or execute-only, providing different levels of code
protection. Read-only blocks cannot be erased or programmed, protecting the contents of those
blocks from being modified. Execute-only blocks cannot be erased or programmed, and can only
be read by the controller instruction fetch mechanism, protecting the contents of those blocks from
being read by either the controller or by a debugger.
1.4.6
Additional Features
1.4.6.1
Memory Map (see page 46)
A memory map lists the location of instructions and data in memory. The memory map for the
LM3S8630 controller can be found in “Memory Map” on page 46. Register addresses are given as
a hexadecimal increment, relative to the module's base address as shown in the memory map.
The ARM® Cortex™-M3 Technical Reference Manual provides further information on the memory
map.
1.4.6.2
JTAG TAP Controller (see page 51)
The Joint Test Action Group (JTAG) port is an IEEE standard that defines a Test Access Port and
Boundary Scan Architecture for digital integrated circuits and provides a standardized serial interface
for controlling the associated test logic. The TAP, Instruction Register (IR), and Data Registers (DR)
can be used to test the interconnections of assembled printed circuit boards and obtain manufacturing
information on the components. The JTAG Port also provides a means of accessing and controlling
design-for-test features such as I/O pin observation and control, scan testing, and debugging.
The JTAG port is composed of the standard five pins: TRST, TCK, TMS, TDI, and TDO. Data is
transmitted serially into the controller on TDI and out of the controller on TDO. The interpretation of
this data is dependent on the current state of the TAP controller. For detailed information on the
operation of the JTAG port and TAP controller, please refer to the IEEE Standard 1149.1-Test
Access Port and Boundary-Scan Architecture.
The Stellaris
® JTAG controller works with the ARM JTAG controller built into the Cortex-M3 core.
This is implemented by multiplexing the TDO outputs from both JTAG controllers. ARM JTAG
instructions select the ARM TDO output while Stellaris
® JTAG instructions select the Stellaris® TDO
outputs. The multiplexer is controlled by the Stellaris
® JTAG controller, which has comprehensive
programming for the ARM, Stellaris
®, and unimplemented JTAG instructions.
1.4.6.3
System Control and Clocks (see page 63)
System control determines the overall operation of the device. It provides information about the
device, controls the clocking of the device and individual peripherals, and handles reset detection
and reporting.
1.4.6.4
Hibernation Module (see page 123)
The Hibernation module provides logic to switch power off to the main processor and peripherals,
and to wake on external or time-based events. The Hibernation module includes power-sequencing
logic, a real-time clock with a pair of match registers, low-battery detection circuitry, and interrupt
signalling to the processor. It also includes 64 32-bit words of non-volatile memory that can be used
for saving state during hibernation.
April 04, 2010
38
Texas Instruments-Production Data
Architectural Overview


유사한 부품 번호 - LM3S8630-IQR80-A2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S8630-IQC50-A2 TI-LM3S8630-IQC50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-IQC50-A2T TI-LM3S8630-IQC50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
More results

유사한 설명 - LM3S8630-IQR80-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630 TI-LM3S8630_1 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com