전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF13-WBP-6P 데이터시트(PDF) 1 Page - Hirose Electric

부품명 LF13-WBP-6P
상세설명  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF13-WBP-6P 데이터시트(HTML) 1 Page - Hirose Electric

  LF13-WBP-6P Datasheet HTML 1Page - Hirose Electric LF13-WBP-6P Datasheet HTML 2Page - Hirose Electric LF13-WBP-6P Datasheet HTML 3Page - Hirose Electric LF13-WBP-6P Datasheet HTML 4Page - Hirose Electric LF13-WBP-6P Datasheet HTML 5Page - Hirose Electric LF13-WBP-6P Datasheet HTML 6Page - Hirose Electric LF13-WBP-6P Datasheet HTML 7Page - Hirose Electric LF13-WBP-6P Datasheet HTML 8Page - Hirose Electric LF13-WBP-6P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Miniature Waterproof Shielded Connectors
LF Series
■Features
1. Ease of shielded termination and connector
assembly
All components are self-aligning and do not require complex
assembly tooling. The shield of the cable is connected with the
metal housing of the connector using simple shielding clamp,
supplied with the connector.
2. Water and dust protected
IP67 protection rating. Complete protection against dust
penetration and against water penetration when mated
assembly is submerged at the depth of 1.8 meter for 48 hours.
3. Bayonet lock
Short turn bayonet lock assures secure vibration resistant
mating of the connectors.
4. High current rating capacity
5. RoHS compliant
All components and materials comply with the requirements of
the EU Directive 2002/95/EC.
■Applications
Sensors, robots, injection molding machines, NC, factory
automation equipment, surveying instruments, measuring
instruments, medical equipment, surveillance cameras and
base stations.
2008.5
NEW
Mating:
Insert the plug, and then turn the locking collar clockwise,
as indicated by the coupling direction marking.
Plug
Locking collar
Receptacle
Un-mating:
Turn the locking collar counter-clockwise
than pull off the plug.
Coupling direction marking
Coupling direction marking
36.4
Receptacle
Plug
8.9 mm max. (3 pos.)
Mated dimensions
Short turn bayonet lock
Built-in shield
connection spring
Cable shielding connection clamp
Cable
Shielding Connection - Plug
Number of contacts
3
4
6, 12 and 20
11
Current rating
5A max.
10A max.
2A max.
10A max.
2A max.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


유사한 부품 번호 - LF13-WBP-6P

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LF13006 NSC-LF13006 Datasheet
189Kb / 8P
   Digital Gain Set
LF13007 NSC-LF13007 Datasheet
189Kb / 8P
   Digital Gain Set
LF13201 NSC-LF13201 Datasheet
416Kb / 18P
   Quad SPST JFET Analog Switches
LF13201D NSC-LF13201D Datasheet
416Kb / 18P
   Quad SPST JFET Analog Switches
LF13202 NSC-LF13202 Datasheet
416Kb / 18P
   Quad SPST JFET Analog Switches
More results

유사한 설명 - LF13-WBP-6P

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com