전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8A07-H 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TPC8A07-H
상세설명  HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8A07-H 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TPC8A07-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 8Page - Toshiba Semiconductor TPC8A07-H Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPC8A07-H
2009-07-21
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
83.3
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2a) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
114
Single-device operation
(Note 3a)
Rth (ch-a) (1)
167
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2b) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
278
°C/W
Marking (Note 6)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3:
a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is only applied to one device.)
b) The power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.)
Note 4: (Q1) VDD = 24 V, Tch = 25°C (Initial), L = 1.0 mH, RG = 25 Ω, IAR = 6.8 A
(Q2) VDD = 24 V, Tch = 25°C (Initial), L = 1.0 mH, RG = 25 Ω, IAR = 8.5 A
Note 5: Repetitive rating: pulse width limited by maximum channel temperature
Note 6:
• on the lower left of the marking indicates Pin 1.
* Weekly code: (three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(the last digit of the year)
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
(a)
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
(b)
TPC8A07
H
Lot No.
Note 7
Part No. (or abbreviation code)
Note 7: A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament and
of the Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment.


유사한 부품 번호 - TPC8A07-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - TPC8A07-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8018-H TOSHIBA-TPC8018-H Datasheet
475Kb / 7P
   High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com