전자부품 데이터시트 검색엔진 |
|
TPC8126 데이터시트(PDF) 4 Page - Toshiba Semiconductor |
|
TPC8126 데이터시트(HTML) 4 Page - Toshiba Semiconductor |
4 / 7 page TPC8126 2009-11-19 4 ID – VDS ID – VDS −100 −16 −20 −1.6 −2 −0.8 −1 VGS = −4.5 V −10 10 100 −0.1 −1 −10 1 −5.5 ID = −11 A −2.8 0 −4 −8 −12 0 −0.1 −0.2 −0.3 −0.4 −55 Ta = 100°C 25 −1 −2 −3 −4 0 0 −0.4 −0.8 −1.2 0 −8 −16 −24 −32 −40 −2.4 −3.2 −4 −2.5 −2.8 −3.6 −4.5 VGS = −2.2 V −10 −2.8 −2.4 −2.5 −3.8 −2.3 0 −0.2 −0.4 −0.6 0 −2 −4 −6 −8 −10 −3 −2.6 VGS = −2.1 V −4.5 −3.2 −3 −2.6 −10 −2.2 −2.3 −6 0 −8 −16 −24 −32 −40 ID – VGS VDS – VGS RDS (ON) – ID Common source Ta = 25°C Pulse test Common source Ta = 25°C Pulse test Common source VDS = −10 V Pulse test Common source Ta = 25°C Pulse test Common source Ta = 25°C Pulse test Drain −source voltage VDS (V) Drain-source voltage VDS (V) Gate −source voltage VGS (V) Gate −source voltage VGS (V) Drain current ID (A) −3 |
유사한 부품 번호 - TPC8126 |
|
유사한 설명 - TPC8126 |