전자부품 데이터시트 검색엔진 |
|
Si8235AB-C-IM 데이터시트(PDF) 11 Page - Silicon Laboratories |
|
Si8235AB-C-IM 데이터시트(HTML) 11 Page - Silicon Laboratories |
11 / 52 page Si823x Rev. 0.3 11 Table 4. Insulation and Safety-Related Specifications Parameter Symbol Test Condition Value Unit WBSOIC-16 5kVRMS NBSOIC-16 WBSOIC-16 2.5 kVRMS 14 LD LGA 2.5 kVRMS 14 LD LGA w/ Pad 1.5 kVRMS Nominal Air Gap (Clearance)1 L(1O1) 8.0 4.01 3.5 1.75 mm Nominal External Tracking (Creepage)1 L(1O2) 8.0 4.01 3.5 1.75 mm Minimum Internal Gap (Internal Clearance) 0.014 0.014 0.014 0.014 mm Tracking Resistance (Comparative Tracking Index) CTI DIN IEC 60112/VDE 0303 Part 1 >175 >175 >175 >175 V Resistance (Input-Output)2 RIO 1012 1012 1012 1012 Capacitance (Input-Output)2 CIO f = 1 MHz 1.4 1.4 1.4 1.4 pF Input Capacitance3 CI 4.0 4.0 4.0 4.0 pF Notes: 1. The values in this table correspond to the nominal creepage and clearance values as detailed in “10. Package Outline: 16-Pin Wide Body SOIC” , “12. Package Outline: Narrow Body SOIC” , “14. Package Outline: 14 LD LGA (5 x 5 mm)” , and “16. Package Outline: 14 LD LGA with Thermal Pad (5 x 5 mm)” . VDE certifies the clearance and creepage limits as 4.7 mm minimum for the NB SOIC-16 and 8.5 mm minimum for the WB SOIC-16 package. UL does not impose a clearance and creepage minimum for component level certifications. CSA certifies the clearance and creepage limits as 3.9 mm minimum for the NB SOIC 16 and 7.6 mm minimum for the WB SOIC-16 package. 2. To determine resistance and capacitance, the Si823x is converted into a 2-terminal device. Pins 1–8 (1-7, 14 LD LGA) are shorted together to form the first terminal and pins 9–16 (8-14, 14 LD LGA) are shorted together to form the second terminal. The parameters are then measured between these two terminals. 3. Measured from input pin to ground. Table 5. IEC 60664-1 (VDE 0884 Part 2) Ratings Parameter Test Conditions Specification WB SOIC-16 NB SOIC-16 14 LD LGA 14 LD LGA w/ Pad Basic Isolation Group Material Group IIIa IIIa IIIa IIIa Installation Classification Rated Mains Voltages < 150 VRMS I-IV I-IV I-IV I-IV Rated Mains Voltages < 300 VRMS I-IV I-III I-III I-III Rated Mains Voltages < 400 VRMS I-III I-III-III-II Rated Mains Voltages < 600 VRMS I-III I-II I-II I-I |
유사한 부품 번호 - Si8235AB-C-IM |
|
유사한 설명 - Si8235AB-C-IM |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |