전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5365 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 Si5365
상세설명  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5365 데이터시트(HTML) 4 Page - Silicon Laboratories

  Si5365 Datasheet HTML 1Page - Silicon Laboratories Si5365 Datasheet HTML 2Page - Silicon Laboratories Si5365 Datasheet HTML 3Page - Silicon Laboratories Si5365 Datasheet HTML 4Page - Silicon Laboratories Si5365 Datasheet HTML 5Page - Silicon Laboratories Si5365 Datasheet HTML 6Page - Silicon Laboratories Si5365 Datasheet HTML 7Page - Silicon Laboratories Si5365 Datasheet HTML 8Page - Silicon Laboratories Si5365 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Si5317
4
Preliminary Rev. 0.15
1. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
3.3 V nominal
2.97
3.3
3.63
V
2.5 V nominal
2.25
2.5
2.75
V
1.8 V nominal
1.71
1.8
1.89
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
Table 2. DC Characteristics
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply Current (Supply
current is independent of
VDD)
IDD
LVPECL Format
622.08 MHz Out
All CKOUTs Enabled1
251
279
mA
LVPECL Format
622.08 MHz Out
Only 1 CKOUT Enabled1
217
243
mA
CMOS Format
19.44 MHz Out
All CKOUTs Enabled2
204
234
mA
CMOS Format
19.44 MHz Out
Only CKOUT1 Enabled2
194
220
mA
CKIN Input Pin
Input Common Mode
Voltage
(Input Threshold Voltage)
VICM
1.8 V ± 5%
0.9
1.4
V
2.5 V ± 10%
1.0
1.7
V
3.3 V ± 10%
1.1
1.95
V
Input Resistance
CKNRIN
Single-ended
20
40
60
k
Input Voltage Level Limits
CKNVIN
See note 3
0—
VDD
V
Single-ended Input Voltage
Swing
VISE
fCKIN < 212.5 MHz
See Figure 2.
0.2
VPP
fCKIN > 212.5 MHz
See Figure 2.
0.25
VPP
Notes:
1. LVPECL outputs require VDD > 2.25 V.
2. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 9. In most
designs, an external resistor voltage divider is recommended.
3. No overshoot or undershoot.


유사한 부품 번호 - Si5365

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5365 SKYWORKS-SI5365 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5365-B-GQ SILABS-SI5365-B-GQ Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

유사한 설명 - Si5365

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com