전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si8234BD-C-IS 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 Si8234BD-C-IS
상세설명  0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8234BD-C-IS 데이터시트(HTML) 1 Page - Silicon Laboratories

  Si8234BD-C-IS Datasheet HTML 1Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 2Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 3Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 4Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 5Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 6Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 7Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 8Page - Silicon Laboratories Si8234BD-C-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Rev. 0.3 4/10
Copyright © 2010 by Silicon Laboratories
Si823x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si823x
0.5 AND 4.0 A MP ISO DRIVERS (2.5 AND 5 KV RMS)
Features
Applications
Description
The Si823x isolated driver family combines two independent, isolated
drivers into a single package. The Si8230/1/3/4 are high-side/low-side
drivers, and the Si8232/5/6 are dual drivers. Versions with peak output
currents of 0.5 A (Si8230/1/2) and 4.0 A (Si8233/4/5/6) are available. All
drivers operate with a maximum supply voltage of 24 V.
The Si823x drivers utilize Silicon Labs' proprietary silicon isolation
technology, which provides up to 5 kVRMS withstand voltage per UL1577,
and fast 60 ns propagation times. Driver outputs can be grounded to the
same or separate grounds or connected to a positive or negative voltage.
The TTL level compatible inputs with >400 mV hysteresis are available in
individual control input (Si8230/2/3/5/6) or PWM input (Si8231/4)
configurations. High integration, low propagation delay, small installed
size, flexibility, and cost-effectiveness make the Si823x family ideal for a
wide range of isolated MOSFET/IGBT gate drive applications.
Safety Approval
Two completely isolated drivers
in one package

Up to 5 kVRMS input-to-output
isolation

Up to 1500 VDC peak driver-to-
driver differential voltage
HS/LS and dual driver versions
Up to 8 MHz switching frequency
0.5 A peak output (Si8230/1/2)
4.0 A peak output (Si8233/4/5/6)
60 ns maximum propagation
delay
Independent HS and LS inputs or
PWM input versions
Transient immunity >30 kV/µs
Overlap protection and
programmable dead time
Operating temperature range
–40 to +125 °C
UL/VDE/CSA approval
RoHS-compliant
Power delivery systems
Motor control systems
Isolated dc-dc power supplies
Lighting control systems
Plasma displays
Solar and industrial inverters
UL 1577 recognized

Up to 5000 Vrms for 1 minute
CSA component notice 5A
approval

IEC 60950, 61010, 60601
(reinforced insulation)
VDE certification conformity

IEC 60747-5-2 (VDE 0884 Part 2)

EN 60950 (reinforced insulation)
(Pending)
Patents Pending
Pin Assignments
VIA
VIB
VDDI
GNDI
DISABLE
DT
NC
VDDI
VDDA
VOA
GNDA
NC
NC
VDDB
VOB
GNDB
Si8230
Si8233
SOIC-16 (Wide)
VIA
VIB
VDDI
GNDI
DISABLE
DT
NC
VDDI
VDDA
VOA
GNDA
NC
NC
VDDB
VOB
GNDB
Si8230
Si8233
SOIC-16 (Narrow)
LGA-14 (5 x 5 mm)
GNDI
VIA
VIB
VDDI
DISABLE
DT
VDDI
VDDA
VOA
GNDA
NC
VDDB
VOB
GNDB
Si8230
Si8233
1
2
3
4
5
6
7
8
9
12
11
10
13
14
15
16
1
2
3
4
5
6
7
8
9
12
11
10
13
14
15
16
1
2
3
4
5
6
7
14
13
12
11
10
7
8


유사한 부품 번호 - Si8234BD-C-IS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8234BD-AS SKYWORKS-SI8234BD-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8234BD-D-IS SILABS-Si8234BD-D-IS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
Skyworks Solutions Inc.
SI8234BD-D-IS SKYWORKS-SI8234BD-D-IS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

유사한 설명 - Si8234BD-C-IS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com