전자부품 데이터시트 검색엔진 |
|
PZUXBL 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
PZUXBL 데이터시트(HTML) 1 Page - NXP Semiconductors |
1 / 13 page 1. Product profile 1.1 General description General-purpose Zener diodes in SOD882 leadless ultra small Surface-Mounted Device (SMD) plastic package. 1.2 Features 1.3 Applications I General regulation functions 1.4 Quick reference data [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. [2] tp = 100 µs; square wave; Tj =25 °C prior to surge [3] Reflow soldering is the only recommended soldering method. [4] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. PZUxBL series Single Zener diodes Rev. 01 — 6 May 2008 Product data sheet I Non-repetitive peak reverse power dissipation: PZSM ≤ 40 W I Low reverse current IR range I Total power dissipation: Ptot ≤ 250 mW I Small plastic package suitable for surface-mounted design I Tolerance series: B: approximately ±5%; B2: approximately ±2% I AEC-Q101 qualified I Wide working voltage range: nominal 2.4 V to 36 V (E24 range) Table 1. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VF forward voltage IF = 100 mA [1] - - 1.1 V PZSM non-repetitive peak reverse power dissipation [2] --40 W Ptot total power dissipation Tamb ≤ 25 °C [3][4] - - 250 mW |
유사한 부품 번호 - PZUXBL |
|
유사한 설명 - PZUXBL |