전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZU6.8BL 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PZU6.8BL
상세설명  Single Zener diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.8BL 데이터시트(HTML) 2 Page - NXP Semiconductors

  PZU6.8BL Datasheet HTML 1Page - NXP Semiconductors PZU6.8BL Datasheet HTML 2Page - NXP Semiconductors PZU6.8BL Datasheet HTML 3Page - NXP Semiconductors PZU6.8BL Datasheet HTML 4Page - NXP Semiconductors PZU6.8BL Datasheet HTML 5Page - NXP Semiconductors PZU6.8BL Datasheet HTML 6Page - NXP Semiconductors PZU6.8BL Datasheet HTML 7Page - NXP Semiconductors PZU6.8BL Datasheet HTML 8Page - NXP Semiconductors PZU6.8BL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PZUXBL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 May 2008
2 of 13
NXP Semiconductors
PZUxBL series
Single Zener diodes
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 29 types with nominal working voltages from 2.4 V to 36 V.
[2]
The series consists of 25 types with nominal working voltages from 2.7 V to 24 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
Transparent
top view
006aaa152
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZU2.4BL to
PZU36BL[1]
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
PZU2.7B2L to
PZU24B2L[2]
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
PZU2.4BL
H2
PZU2.7B2L
HZ
PZU2.7BL
H3
PZU3.0B2L
K1
PZU3.0BL
H4
PZU3.3B2L
K2
PZU3.3BL
H5
PZU3.6B2L
K3
PZU3.6BL
H6
PZU3.9B2L
K4
PZU3.9BL
H7
PZU4.3B2L
K5
PZU4.3BL
H8
PZU4.7B2L
K6
PZU4.7BL
H9
PZU5.1B2L
K7
PZU5.1BL
HA
PZU5.6B2L
K8
PZU5.6BL
HB
PZU6.2B2L
H1
PZU6.2BL
HC
PZU6.8B2L
K9
PZU6.8BL
HD
PZU7.5B2L
KA
PZU7.5BL
HE
PZU8.2B2L
KB
PZU8.2BL
HF
PZU9.1B2L
KC
PZU9.1BL
HG
PZU10B2L
KD
PZU10BL
HH
PZU11B2L
KE
PZU11BL
HK
PZU12B2L
KF


유사한 부품 번호 - PZU6.8BL

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PZU6.8BL NEXPERIA-PZU6.8BL Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
More results

유사한 설명 - PZU6.8BL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com