전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5317-EVB 데이터시트(PDF) 4 Page - Murata Manufacturing Co., Ltd.

부품명 SI5317-EVB
상세설명  Si5317 EVALUATION BOARD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SI5317-EVB 데이터시트(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SI5317-EVB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SI5317-EVB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si5317-EVB
4
Rev. 0.1
2.3. Output Clock
The clock outputs are AC-coupled and are available on SMAs J5, J7, J9 and J11. For LVCMOS outputs, it might be
desirable to replace the AC coupling capacitors (C9,C14,C17, and C20) with 0
 resistors. Also, if greater drive
strength is desired for an LVCMOS output, R6 and R10 can be installed.
2.4. Pin Configuration
J12 is the large jumper header in the center left of the board that implements the jumper plugs that configure the
pins of the Si5317. Each pin can be strapped to become either H, M, or L. The H level is achieved by installing a
jumper plug between the appropriate middle row pin and its VDD row pin. L is achieved by installing a jumper plug
between the appropriate middle row pin and its GND row pin. M is achieved by installing no jumper plug.
2.5. Evaluation Board Power
The EVB can be powered from two possible sources: USB or external supplies. A 3.3 V supply is required to run
the LEDs because of their rather large forward drop. The Si5317 power supply can be separated from the 3.3 V
supply so that the Si5317 can be evaluated at a voltage other than 3.3 V. It is important to note that when the USB
supply is being used, the EVB uses the USB port only for power and that the resulting power supply is strictly 3.3 V.
Here are the instructions for the various possibilities:
2.5.1. External Power Supplies
Install a jumper between J16.1 and J16.2 (labeled EXT).
There should be no USB connection.
If the Si5317 is not being operated at 3.3 V, two supplies should be connected to J14. Connect the 3.3 V supply to
J14.1 and J14.2 (labeled 3.3 V and GND). Connect the SI5317 power supply between J14.2 and J14.3 (labeled
GND and DUT).
If the Si5317 is to be operated at 3.3 V, J15 (labeled ONE PWR) can be installed, requiring only one external
supply. Connect 3.3 V power between J14.2 and J14.3 (labeled GND and DUT).
2.5.2. USB Power
Install a jumper between J16.2 and J16.3 (labeled USB).
Install a jumper at J15 (labeled ONE PWR).
With a USB cable, plug the EVB into a powered USB port.
2.5.3. USB 3.3V Power, External Si5317 Power
Install a jumper between J16.2 and J16.3 (labeled USB).
No jumper at J15 (labeled ONE PWR).
Connect the Si5317 power supply between J14.2 and J14.3 (labeled GND and DUT).


유사한 부품 번호 - SI5317-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5317-EVB SILABS-Si5317-EVB Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5317-EVB SKYWORKS-SI5317-EVB Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
More results

유사한 설명 - SI5317-EVB

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com